Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 90Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 91Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 92Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 93Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 94Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 95Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 96Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 97Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 208 page
background image
94
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
The only possible value for the wMaxPacketSize in the DFU configuration is 32 bytes,
which is the size of the FIFO implemented for endpoint 0.
Description
The USB device controller provides the hardware that the AT8xC5122D and the
AT83C5123 need to interface a USB link to a data flow stored in a double port memory
(DPRAM).
The USB controller requires a 48 MHz reference clock, which is the output of the
AT8xC5122D/23 PLL (see Section "Phase Lock Loop (PLL)", page 40) divided by a
clock prescaler. This clock is used to generate a 12 MHz full speed bit clock from the
received USB differential data and to transmit data according to full speed USB device
tolerance. Clock recovery is done by a Digital Phase Locked Loop (DPLL) block, which
is compliant with the jitter specification of the USB bus.
The Interface Engine (SIE) block performs NRZI encoding and decoding, bit stuffing,
CRC generation and checking, and the serial-parallel data conversion. The Universal
Function Interface (UFI) performs the interface between the data flow and the Dual Port
Ram
Figure 48.
USB Device Controller Block Diagram
Serial Interface Engine (SIE)
The SIE performs the following functions:
•
NRZI data encoding and decoding.
•
Bit stuffing and unstuffing.
•
CRC generation and checking.
•
Handshakes.
•
TOKEN type identifying.
•
Address checking.
•
Clock generation (via DPLL).
SIE
DPLL
USB
D+/D-
Buffer
UFI
12MHz
48 MHz +/- 0.25%
D+
Up to 48 MHz
UC_SYSCLK
C51
Microcontroller
Interface
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com