Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 54Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 55Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 56Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 57Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 58Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 59Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 60Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 61Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 208 page
background image
58
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 28.
LED Source Current
Notes: 1. When switching a low level, LEDCTRL device has a permanent current of about
N mA/15 (N is 2, 4 or 8).
2. The port must be configured as standard C51 port by means of PMOD0 and PMOD1
registers and the level of current must be programmed by means of LEDCON0 and
LEDCON1 registers before switching the led on.
Table 35.
LED Source Current
LEDx.1
LEDx.0
Port Latch Data
NMOS
PIN
Comments
00
0
1
0
LED control disabled
00
1
0
1
01
0
0
0
LED mode 2 mA
01
1
0
1
10
0
0
0
LED mode 4 mA
10
1
0
1
11
0
0
0
LED mode 10 mA
11
1
0
1
Pin
Port Latch
Data
LEDx.0
LEDx.1
NMOS
N
N
LEDCTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com