Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 36Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 37Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 38Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 39Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 40Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 41Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 42Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 43Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 208 page
background image
40
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Phase Lock Loop (PLL)
PLL Description
The AT83R5122, AT8xC5122/23’s PLL is used to generate internal high frequency
clock synchronized with an external low-frequency. Figure 16 shows the internal struc-
ture of the PLL.
The PFLD block is the Phase Frequency Comparator and Lock Detector. This block
makes the comparison between the reference clock coming from the N divider and the
reverse clock coming from the R divider and generates some pulses on the Up or Down
signal depending on the edge position of the reverse clock. The PLLEN bit in PLLCON
register is used to enable the clock generation. When the PLL is locked, the bit PLOCK
in PLLCON register is set.
The CHP block is the Charge Pump that generates the voltage reference for the VCO by
injecting or extracting charges from the external filter connected on PLLF pin (see
Figure 17). Value of the filter components are detailed in the Section “DC
Characteristics”.
The VCO block is the Voltage Controlled Oscillator controlled by the voltage VREF pro-
duced by the charge pump. It generates a square wave signal: the PLL clock. The
CK_PLL frequency is defined by the follwing formula:
FCK_PLL = FCK_XTAL1 * (R+1) / (N+1)
Figure 16.
PLL Block Diagram and Symbol
Figure 17.
PLL Filter Value
PLL Programming
The PLL must be programmed to work at 96 MHz frequency by means of PLLCON and
PLLDIV registers. As soon as the PLL is enabled, the firmware must wait for the lock bit
status to ensure that the PLL is ready.
PLLEN
PLLCON.1
N3:0
N Divider
R divider
VCO
CK_PLL
CK_XTAL1
PFLD
PLOCK
PLLCON.0
PLLF
CHP
VREF
Up
Down
R3:0
VSS
PLLF
VSS
1,8 K
Ω
150 pF
33 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com