Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 44Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 45Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 46Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 47Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 48Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 49Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 50Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 51Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 208 page
background image
48
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
USB Interface Clock
The USB Interface uses two clocks :
–
The first one is the CPU clock used for the interface with the microcontroller,
CK_IDLE.
–
The second one is the CK_USB supplied from the PLL through a divider by
2.
Registers
Reset Value = XXXX XXX0b
Reset Value = XXXX 1111b
Table 24.
Clock Selection Register - CKSEL (S:85h)
7654
3210
----
---
CKS
Bit Number
Bit Mnemonic Description
7:1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0CKS
CPU Oscillator Select Bit
Set this bit to connect CPU and Peripherals to PLL output.
Clear this to to connect CPU and Peripherals to XTAL1 clock input.
Table 25.
Clock Reload Register - CKRL (S:97h)
765
43210
-
-
-
-
CKRL3
CKRL2
CKRL1
CKRL0
Bit Number
Bit Mnemonic Description
7 - 4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3:0
CKRL3:0
Clock Reload register
Prescaler1 value
Fck_cpu =[ 1 / 2*(16-CKRL)] * Fck_XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com