Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 16Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 17Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 18Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 19Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 20Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 21Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 22Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 23Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 208 page
background image
20
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
An access to external XRAM memory locations higher than the accessible size of the
memory (roll-over feature) will be performed with the MOVX DPTR instructions, with P0
and P2 as data/address busses, WR and RD as respectively write and read signals.
Accesses above XRAM size can only be done by the use of DPTR.
If EXTRAM=1 the MCU fetches the data from external XRAM Memory. There can be up
to 64 KBytes of external XRAM Memory.
The hardware configuration for external Data Memory Access is shown in Figure 9
Figure 9.
Accessing to External XRAM Memory
MOVX @Ri and MOVX @DPTR will be similar to the standard 80C51. MOVX @ Ri will
provide an eight-bit address multiplexed with data on Port 0 and any output port pins
can be used to output higher order address bits. This is to provide the external paging
capability. MOVX @DPTR will generate a sixteen-bit address. Port 2 outputs the high-
order eight address bits (DPH) while Port0 multiplexes the low-order eight address bits
(DPL) with data. MOVX @ Ri and MOVX @DPTR will generate either read or write sig-
nals on WR and RD.
Ports P0, P2 are not affected and RD, WR signals are not activated during access to
internal XRAM.
Note that external XRAM Memory access is only available on High Pin Count Packages.
External Program Memory and external XRAM Memory may be combined if desired by
applying the RD and PSEN signals to the inputs of an AND gate and using the ouput of
the gate as the read strobe to the external program/data memory.
Dual Data Pointer
Register (DDPTR)
The additional data pointer can be used to speed up code execution and reduce code
size.
The dual DPTR structure is a way by which the chip will specify the address of an exter-
nal data memory location. There are two 16-bit DPTR registers that address the external
memory, and a single bit called DPS = AUXR1.0 (see Table 7) that allow the program
code to switch between them (Figure 10).
EXTERNAL XRAM
MEMORY
AT83R5122,
P2
P0
AD7:0
A15:8
A7:0
A15:8
D7:0
A7:0
ALE
WR
OE
RD#
WR#
Latch
RD
PSEN
STROBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com