Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 12Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 13Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 14Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 15Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 16Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 17Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 18Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 19Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 208 page
background image
16
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
USB Keyboard with Smart Card Reader Using AT83R5122, AT8xC5122/AT89C5122DS
LEDx
VCC
KB1
KB2
KB3
KB4
KB5
KB6
KB7
P3[0-1,3-4]
P2[0-7]
P0[0-7]
Keyboard Matrix
C1
C2
C3
C4
C5
C6
C7
KB0
C0
GND
C1
EA/VCC (1)
GND
GND
C8
C9
VCC
VCC
VCC
AVCC
XTAL2
XTAL1
Q1
VCC
R2
GND
D-
D+
VREF
D+
D-
VCC
VBUS
GND
USB
R3
R1
AVSS
GND
C2
R4
C3
PLLF
VSS
GND
GND
C4
DVCC
10mA Max
GND
CCLK1
CRST1
CIO1
RST
CLK
I/O
C2
C3
C7
VCC
C1
GND
C5
Alternate Card
VCC
GND
RST
Optional
Capacitor
C10
Notes :
1 - Pin configuration depends on product versions
LI
L1
Smart Card
C1
C2
C3
C4
C7
C8
C5
VCC
RST
CLK
C4
I/O
C8
GND
S1
CPRES
S2
GND
GND
C6
S1
C7
CC8
CIO
CC4
CCLK
CRST
CVSS
CVCC
VCC
R5
180Ohms
15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com