Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 42Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 43Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 44Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 45Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 46Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 47Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 48Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 49Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 208 page
background image
46
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
SCIB Clock
The Smart Card Interface Block (SCIB) uses two clocks :
–
The first one, CK_IDLE, is the peripheral clock used for the interface with the
microcontroller.
–
The second one, CK_ISO, is independant from the CPU clock and is
generated from the PLL or XTAL1 output.
PR2, a 6-bit prescaler, will be used to generate:
12/9.6/8/6.85/6/5.33/4.8/4.36/ ..../1MHz frequencies.
SCIB clock frequency must be lower than CPU clock frequency.
During SCIB Reset, the CK_ISO input must be in the range 1 - 5 MHz according to ISO
7816. The SCIB clocks frequency is defined in Figure 41 on page 72 and Table 42 on
page 72.
Two conditions must be met for a correct use of the SCIB:
•
CK_CPU > 4/3 * CK_ISO and
•
CK_CPU < 6 * CK_ISO.
96 MHz
CPU frequency
24 MHz
PLL
1/4
Prescaler
48 MHz
1/2
External Clock
CPU frequency
24 MHz
(Equivalent to)
X1 mode selected
24 MHz
CPU frequency
24 MHz
(Equivalent to)
X2 mode selected
PERIPH frequency
24 MHz
PERIPH frequency
24 MHz
PERIPH frequency
24 MHz
External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com