Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 15Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 16Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 17Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 18Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 19Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 20Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 21Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 22Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 208 page
background image
19
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Data Memory
Managament
All device versions implements :
- 256 Bytes of RAM to increase data parameter handling and high level language usage
- 512 bytes of XRAM (Extended RAM) to store program data.
RAM Achitecture
The internal RAM is mapped into three separate segments :
•
The Lower 128 bytes (addresses 00h to 7Fh) are directly and indirectly
addressable.
•
The Upper 128 bytes (addresses 80h to FFh) are indirectly addressable only.
•
The Special Function Registers (SFRs) (addresses 80h to FFh) are directly
addressable only.
The Upper 128 bytes and SFR’s have the same address space but are physically
separated.
When an instruction accesses an internal location above address 7Fh, the CPU knows
whether the access is in the upper 128 bytes of data RAM or to SFR space by the
addressing mode used in the instruction.
•
Instructions that use direct addressing access SFR space. For example: MOV
0A0H, # data, accesses the SFR at location 0A0h (which is P2).
•
Instructions that use indirect addressing access the Upper 128 bytes of data RAM.
For example: MOV @R0, # data where R0 contains 0A0h, accesses the data byte
at address 0A0h, rather than P2 (whose address is 0A0h).
The stack pointer (SP) may be located anywhere in the 256 bytes RAM (lower and
upper RAM) internal data memory. The stack may not be located in the XRAM.
The M0 bit allows to stretch the XRAM timings. If M0 is set, the read and write pulses
are extended from 6 to 30 clock periods. This is useful to access external slow
peripherals.
XRAM Achitecture
Depending on the state of EXTRAM bit in AUXR register (See Table 5 on page 22), the
MCU fetches data from internal or external XRAM.
If EXTRAM=0 (reset condition), the MCU fetches the data from internal XRAM. The size
of internal XRAM is configured by the bit XRS0 in AUXR register (See Table 5 on page
22).
The XRAM logically occupies the first bytes of external data memory. The bit XRS0 can
be used to hide a part of the available XRAM . This can be useful if external peripherals
are mapped at addresses already used by the internal XRAM.
The XRAM is indirectly addressed, using the MOVX instruction in combination with any
of the registers R0, R1 of the selected bank or DPTR.
For example, MOVX @R0, # data where R0 contains 0A0H, accesses the XRAM at
address 0A0H rather than external memory.
Table 4.
XRAM Size Configuration
XRS0
XRAM size
Address
Start
End
0
256 Bytes
(Reset condition)
000h
0FFh
1
512 bytes
000h
1FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com