Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 80Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 81Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 82Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 83Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 84Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 85Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 86Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 87Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 208 page
background image
84
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 1100b
Reset Value = XXXX XXX0b
Reset Value = 0000 0000b
Table 53.
Smart Card Transmit Guard Time Register 0 - SCGT0 (S:B4h, SCRS=1)
76
54
32
10
GT7
GT6
GT5
GT4
GT3
GT2
GT1
GT0
Bit Number
Bit Mnemonic
Description
7 - 0
GT[7:0]
Transmit Guard Time LSB
The minimum time between two consecutive start bits in transmit mode is GT[8:0] * ETU. This is equal to ISO IEC
Guard Time +10 (see Guard Time Counter description.
According to ISO IEC 7816,the time between 2 consecutive leading edge start bits can be set between 11 and
266 (11 to 254+12 ETUs).
Table 54.
Smart Card Transmit Guard Time Register 1 - SCGT1 (S:B5h, SCRS=1)
76
54
32
10
--
--
--
-
GT8
Bit Number
Bit Mnemonic
Description
7 - 1
-
Reserved
The value read from these bits is indeterminate. Do not change these bits.
0GT8
Transmit Guard Time MSB
Used together with the Transmit Guard Time LSB in SCGT0 register (Table 53).
Table 55.
Smart Card Character/Block Waiting Time Register 3
SCWT3 (S:C1h, SCRS=0)
76
54
32
10
WT31
WT30
WT29
WT28
WT27
WT26
WT25
WT24
Bit Number
Bit Mnemonic
Description
7 - 0
WT[31:24]
Waiting Time Byte3
Used together with WT[23:0] in registers SCWT2,SCWT1, SCWT0 (see Table 56).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com