Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 106Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 107Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 108Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 109Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 110Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 111Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 112Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 113Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 208 page
background image
110
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 58.
Example of a Suspend/Resume Management
Warning:
The core must be switched in external clock mode before disabling the PLL.
Upstream Resume
A USB device can be allowed by the Host to send an upstream resume for Remote
Wake-up purpose.
Whe n t he U SB co ntr o ll er r e ceive s th e SET _F EAT URE r equ est:
DEVICE_REMOTE_WAKEUP, the firmware should set to 1 the RMWUPE bit in the
USBCON register to enable this function. RMWUPE value should be 0 in the other
cases.
If the device is in SUSPEND mode, the USB controller can send an upstream resume by
clearing first the SPINT bit in the USBINT register and by setting then to 1 the SDRM-
WUP bit in the USBCON register. The USB controller sets to 1 the UPRSM bit in the
USBCON register. All clocks must be enabled first. The Remote Wake is sent only if the
USB bus was in Suspend state for at least 5 ms. When the upstream resume is com-
pleted, the UPRSM bit is reset to 0 by hardware. The firmware should then clear the
SDRMWUP bit.
USB Controller Init
Detection of a SUSPEND State
SPINT
Set SUSPCLK
Disable PLL
microcontroller in power-down
Detection of a RESUME State
WUPCPU
Enable PLL
Clear SUSPCLK
Clear WUPCPU bit
Clear SPINT
Note :
WUPCPU bit must be
Cleared before enabling
the PLL
Put the USB pads
in power down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com