Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 124 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 120Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 121Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 122Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 123Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 124Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 125Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 126Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 127Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 208 page
background image
124
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Serial I/O Port
The serial I/O port in the AT83R5122, AT8xC5122/23 is compatible with the serial I/O
port in the 80C52.
The I/O port provides both synchronous and asynchronous communication modes. It
operates as an Universal Asynchronous Receiver and Transmitter (UART) in three full-
duplex modes (Modes 1, 2 and 3). Asynchronous transmission and reception can occur
simultaneously and at different baud rates
Serial I/O port includes the following enhancements:
•
Framing error detection
•
Automatic address recognition
Framing Error Detection
Framing bit error detection is provided for the three asynchronous modes (Modes 1, 2
and 3). To enable the framing bit error detection feature, set SMOD0 bit in PCON regis-
ter (See Figure 64).
Figure 64.
Framing Error Block Diagram
When this feature is enabled, the receiver checks each incoming data frame for a valid
stop bit. An invalid stop bit may result from noise on the serial lines or from simultaneous
transmission by two CPUs. If a valid stop bit is not found, the Framing Error bit (FE) in
SCON register (See Figure 69 on page 128) bit is set.
Software may examine FE bit after each reception to check for data errors. Once set,
only software or a reset can clear FE bit. Subsequently received frames with valid stop
bits cannot clear FE bit. When FE feature is enabled, RI rises on stop bit instead of the
last data bit (See Figure 65 and Figure 66).
Figure 65.
UART Timings in Mode 1
RI
TI
RB8
TB8
REN
SM2
SM1
SM0/FE
IDL
PD
GF0
GF1
POF
-
SMOD0
SMOD1
To UART Framing Error Control
SM0 to UART Mode Control (SMOD0 = 0)
Set FE Bit if Stop Bit is 0 (Framing Error) (SMOD0 = 1)
SCON (98h)
PCON (87h)
Data Byte
RI
SMOD0=X
Stop
Bit
Start
Bit
RXD
D7
D6
D5
D4
D3
D2
D1
D0
FE
SMOD0=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com