Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 142 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 138Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 139Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 140Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 141Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 142Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 143Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 144Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 145Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 208 page
background image
142
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 00010100b
Table 85.
Serial Peripheral Control Register - SPCON (C3h)
7654
3210
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
Bit
Number
Bit
Mnemonic
R/W
Mode
Description
7SPR2
RW
Serial Peripheral Rate 2
Bit with SPR1 and SPR0 define the clock rate
6
SPEN
RW
Serial Peripheral Enable
Clear to disable the SPI interface (internal reset of the SPI)
Set to enable the SPI interface
5SSDIS
RW
SS Disable
Clear to enable SS in both Master and Slave modes
Set to disable SS in both Master and Slave modes. In Slave mode, this
bit has no effect if CPHA = ’0’
4MSTR
RW
Serial Peripheral Master
Clear to configure the SPI as a Slave
Set to configure the SPI as a Master
3CPOL
RW
Clock Polarity
Clear to have the SCK set to ’0’ in idle state
Set to have the SCK set to ’1’ in idle low
2CPHA
RW
Clock Phase
Clear to have the data sampled when the SPSCK leaves the idle state
(see CPOL)
Set to have the data sampled when the SPSCK returns to idle state
(see CPOL)
1SPR1
RW
Serial Peripheral Rate
(SPR2:SPR1:SPR0)
000: Reserved
001: FCK_SPI /4
010: FCK_SPI/8
011: FCK_SPI/16
0SPR0
RW
100: FCK_SPI/32
101: FCK_SPI/64
110: FCK_SPI/128
111: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com