Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 39 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 35Page - Texas Instruments XIO2001 Datasheet HTML 36Page - Texas Instruments XIO2001 Datasheet HTML 37Page - Texas Instruments XIO2001 Datasheet HTML 38Page - Texas Instruments XIO2001 Datasheet HTML 39Page - Texas Instruments XIO2001 Datasheet HTML 40Page - Texas Instruments XIO2001 Datasheet HTML 41Page - Texas Instruments XIO2001 Datasheet HTML 42Page - Texas Instruments XIO2001 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 131 page
background image
3.9
PCI Express to PCI Bus Lock Conversion
Data
Address
CLK
FRAME
LOCK
AD
IRDY
TRDY
DEVSEL
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Figure 3-9. PCI Express PME Message
The bus-locking protocol defined in the PCI Express Base Specification and PCI Local Bus Specification is
provided on the bridge as an additional compatibility feature. The PCI bus LOCK signal is a dedicated
output that is enabled by setting bit 12 in the general control register at offset D4h. See Section 4.65,
General Control Register, for details.
NOTE
The use of LOCK is only supported by PCI-Express to PCI Bridges in the downstream
direction (away from the root complex).
PCI Express locked-memory read request transactions are treated the same as PCI Express memory read
transactions except that the bridge returns a completion for a locked-memory read. Also, the bridge uses
the PCI LOCK protocol when initiating the memory read transaction on the PCI bus.
When a PCI Express locked-memory read request transaction is received and the bridge is not already
locked, the bridge arbitrates for use of the LOCK terminal by asserting REQ. If the bridge receives GNT
and the LOCK terminal is high, then the bridge drives the LOCK terminal low after the address phase of
the first locked-memory read transaction to take ownership of LOCK. The bridge continues to assert
LOCK except during the address phase of locked transactions. If the bridge receives GNT and the LOCK
terminal is low, then the bridge deasserts its REQ and waits until LOCK is high and the bus is idle before
re-arbitrating for the use of LOCK.
Figure 3-10. Starting a Locked Sequence
Once the bridge has ownership of LOCK, the bridge initiates the lock read as a memory read transaction
on the PCI bus. When the target of the locked-memory read returns data, the bridge is considered locked
and all transactions not associated with the locked sequence are blocked by the bridge.
Submit Documentation Feedback
Feature/Protocol Descriptions
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com