Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 11 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 7Page - Texas Instruments XIO2001 Datasheet HTML 8Page - Texas Instruments XIO2001 Datasheet HTML 9Page - Texas Instruments XIO2001 Datasheet HTML 10Page - Texas Instruments XIO2001 Datasheet HTML 11Page - Texas Instruments XIO2001 Datasheet HTML 12Page - Texas Instruments XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 131 page
background image
1
Introduction
1.1
Features
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Prioritization Scheme
• Full ×1 PCI Express Throughput
• Two Package Options: 12 mm × 12 mm and 7
• Fully Compliant with PCI Express to PCI/PCI-X
mm
× 7 mm
Bridge Specification, Revision 1.0
• Internal PCI Arbiter Supporting Up to 6
• Fully Compliant with PCI Express Base
External PCI Masters
Specification, Revision 2.0
• Advanced PCI Express Message Signaled
• Fully Compliant with PCI Local Bus
Interrupt Generation for Serial IRQ Interrupts
Specification, Revision 2.3
• External PCI Bus Arbiter Option
• PCI Express Advanced Error Reporting
Capability Including ECRC Support
• PCI Bus LOCK Support
• Support for D1, D2, D3
hot, and D3cold
• JTAG/BS for Production Test
• Active-State Link Power Management Saves
• PCI-Express CLKREQ Support
Power When Packet Activity on the PCI
• Clock Run and Power Override Support
Express Link is Idle, Using Both L0s and L1
• Six Buffered PCI Clock Outputs (25 MHz, 33
States
MHz, 50 MHz, or 66 MHz)
• Wake Event and Beacon Support
• PCI Bus Interface 3.3-V and 5.0-V (25 MHz or
• Error Forwarding Including PCI Express Data
33 MHz only at 5.0 V) Tolerance Options
Poisoning and PCI Bus Parity Errors
• Integrated AUX Power Switch Drains V
AUX
• Utilizes 100-MHz Differential PCI Express
Power Only When Main Power Is Off
Common Reference Clock or 125-MHz
• Five 3.3-V, Multifunction, General-Purpose I/O
Single-Ended, Reference Clock
Terminals
• Optional Spread Spectrum Reference Clock is
• Memory-Mapped EEPROM Serial-Bus
Supported
Controller Supporting PCI Express Power
• Robust Pipeline Architecture To Minimize
Budget/Limit Extensions for Add-In Cards
Transaction Latency
• Compact Footprint, Lead-Free 144-Ball, ZAJ
• Full PCI Local Bus 66-MHz/32-Bit Throughput
MicroStar™ BGA or Lead-Free 169-Ball ZGU
• Support for Six Subordinate PCI Bus Masters
MicroStar BGA
with Internal Configurable, 2-Level
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com