Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 99 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 95Page - Texas Instruments XIO2001 Datasheet HTML 96Page - Texas Instruments XIO2001 Datasheet HTML 97Page - Texas Instruments XIO2001 Datasheet HTML 98Page - Texas Instruments XIO2001 Datasheet HTML 99Page - Texas Instruments XIO2001 Datasheet HTML 100Page - Texas Instruments XIO2001 Datasheet HTML 101Page - Texas Instruments XIO2001 Datasheet HTML 102Page - Texas Instruments XIO2001 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 131 page
background image
5.6
Correctable Error Status Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 5-4. Uncorrectable Error Severity Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
3:1
RSVD
R
Reserved. Retirms 000b wjem read/
0
RSVD
R
Reserved. Returns 1h when read.
The correctable error status register reports the status of individual errors as they occur. Software may
only clear these bits by writing a 1b to the desired location. See Table 5-5 for a complete description of
the register contents.
PCI Express extended register offset:
110h
Register type:
Read-only, Read/Clear
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5-5. Correctable Error Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
R
Reserved. Returns 000 0000 0000 0000 0000b when read.
13(1)
ANFES
RCU
Advisory Non-Fatal Error Status. This bit is asserted when an Advisor Non-Fatal Error has
been reported.
12 (1)
REPLAY_TMOUT
RCU
Replay timer time-out. This bit is asserted when the replay timer expires for a pending request
or completion that has not been acknowledged.
11:9
RSVD
R
Reserved. Returns 000b when read.
8(1)
REPLAY_ROLL
RCU
REPLAY_NUM rollover. This bit is asserted when the replay counter rolls over after a pending
request or completion has not been acknowledged.
7(1)
BAD_DLLP
RCU
Bad DLLP error. This bit is asserted when an 8b/10b error was detected by the PHY during
the reception of a DLLP.
6(1)
BAD_TLP
RCU
Bad TLP error. This bit is asserted when an 8b/10b error was detected by the PHY during the
reception of a TLP.
5:1
RSVD
R
Reserved. Returns 00000b when read.
0(1)
RX_ERROR
RCU
Receiver error. This bit is asserted when an 8b/10b error is detected by the PHY at any time.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Submit Documentation Feedback
PCI Express Extended Configuration Space
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com