Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 25 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 21Page - Texas Instruments XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments XIO2001 Datasheet HTML 26Page - Texas Instruments XIO2001 Datasheet HTML 27Page - Texas Instruments XIO2001 Datasheet HTML 28Page - Texas Instruments XIO2001 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 131 page
background image
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 2-9. JTAG Terminals
ZGU
ZAJ
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
TYPE
TYPE
RAIL
PARTS
JTAG_TCK
M12
N12
I
LV
VDD_33
JTAG test clock input. This signal provides the
CMOS
clock for the internal TAP controller.
Optional
Note: This terminal has an internal active
pullup
pullup resistor. The pullup is active at all
resistor
times.
Note: This terminal should be tied to ground
or pulled low if JTAG is not required.
JTAG_TDI
N12
L10
I
LV
VDD_33
JTAG test data input. Serial test instructions
CMOS
and data are received on this terminal.
Optional
Note: This terminal has an internal active
pullup
pullup resistor. The pullup is active at all
resistor
times.
Note: This terminal can be left unconnected if
JTAG is not required.
JTAG_TDO
M11
N11
O
LV
VDD_33
JTAG test data output. This terminal the serial
CMOS
output for test instructions and data.
–
Note: This terminal can be left unconnected if
JTAG is not required.
JTAG_TMS
L10
L11
I
LV
VDD_33
JTAG test mode select. The signal received at
CMOS
JTAG_TMS is decoded by the internal TAP
controller to control test operations.
Optional
Note: This terminal has an internal active
pullup
pullup resistor. The pullup is active at all
resistor
times.
Note: This terminal can be left unconnected if
JTAG is not required.
JTAG_TRS
L09
L09
I
LV
VDD_33
JTAG test reset. This terminal provides
T
CMOS
Optional for asynchronous initialization of the
TAP controller.
Optional
Note: This terminal has an internal active
pullup
pullup resistor. The pullup is active at all
resistor
times.
Note: This terminal should be tied to ground
or pulled low if JTAG is not required.
Table 2-10. Miscellaneous Terminals
ZGU
ZAJ
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
TYPE
TYPE
RAIL
PARTS
CLKRUN_E
A13
C11
I
LV
VDD_33
Clock run enable
N
CMOS
0 = Clock run support disabled
Optional
1 = Clock run support enabled
pullup
resistor
Note: The CLKRUN_EN input buffer has an
internal active pulldown. This pulldown is
active at all times.
EXT_ARB_
C10
A12
I
LV
VDD_33
External arbiter enable
EN
CMOS
0 = Internal arbiter enabled
Optional
pullup
1 = External arbiter enabled
resistor
Note: The EXT_ARB_EN input buffer has an
internal active pulldown. This pulldown is
active at all times.
Submit Documentation Feedback
Overview
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com