Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 22 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments XIO2001 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 131 page
background image
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
Table 2-6. Combined Power Output Terminals
I/O
EXTERNAL
SIGNAL
ZGU BALL #
ZAJ BALL #
DESCRIPTION
TYPE
PARTS
VDD_15_COMB
L13
N13
Internally-combined 1.5-V main and VAUX power output for
external bypass capacitor filtering. Supplies all internal 1.5-V
Feed
Bypass
circuitry powered by VAUX.
through
capacitors
Caution: Do not use this terminal to supply external power
to other devices.
VDD_33_COMB
J13
K12
Internally-combined 3.3-V main and VAUX power output for
external bypass capacitor filtering. Supplies all internal 3.3-V
Feed
Bypass
circuitry powered by VAUX.
through
capacitors
Caution: Do not use this terminal to supply external power
to other devices.
VDD_33_COMBIO
K11
K11
Internally-combined 3.3-V main and VAUX power output for
external bypass capacitor filtering. Supplies all internal 3.3-V
Feed
Bypass
input/output circuitry powered by VAUX.
through
capacitors
Caution: Do not use this terminal to supply external power
to other devices.
Table 2-7. PCI Express Terminals
ZGU
ZAJ
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
TYPE
TYPE
RAIL
PARTS
CLKREQ
D11
D11
0
LV
VDD_33_
Clock request. When asserted low, requests
CMOS
COMBIO
upstream device start clock in cases where
clock may be removed in L1.
–
Note: Since CLKREQ is an open-drain output
buffer,
a
system
side
pullup
resistor
is
required.
PERST
H11
H11
I
LV
VDD_33_
PCI Express reset input. The PERST signal
CMOS
COMBIO
identifies when the system power is stable and
–
generates an internal power on reset.
Note: The PERST input buffer has hysteresis.
REFCLK12
B13
A13
I
LV
VDD_33
Reference clock select. This terminal selects
5_SEL
CMOS
the reference clock input.
Pullup or
0 = 100-MHz differential common reference
pulldown
clock used.
resistor
1 = 125-MHz single-ended, reference clock
used.
REFCLK+
C13
C13
DI
HS DIFF
VDD_33
Reference clock. REFCLK+ and REFCLK–
IN
comprise the differential input pair for the
–
100-MHz system reference clock. For a
single-ended, 125-MHz system reference
clock, use the REFCLK+ input.
REFCLK–
C12
B13
DI
HS DIFF
VDD_33
Reference clock. REFCLK+ and REFCLK–
IN
Capacitor
comprise the differential input pair for the
for VSS for
100-MHz system reference clock. For a
single-
single-ended, 125-MHz system reference
ended node clock, attach a capacitor from REFCLK– to
VSS.
REF0_PCIE
K12
M13
I/O
BIAS
–
External reference resistor + and – terminals
REF1_PCIE
K13
L13
for setting TX driver current. An external
resistance of 14,532-
Ω is connected between
External
REF0_PCIE and REF1_PCIE terminals. To
resistor
eliminate the need for a custom resistor, two
series resistors are recommended: a 14.3-k
Ω,
1% resistor and a 232-
Ω, 1% resistor.
RXP
E13
E13
DI
HS DIFF
VSS
High-speed receive pair. RXP and RXN
RXN
E12
D13
IN
–
comprise the differential receive pair for the
single PCI Express lane supported.
Overview
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com