Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 19 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 131 page
background image
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 2-3. XIO2001 Signal Names Sorted Alphabetically
SIGNAL NAME
ZGU BALL #
ZAJ BALL #
SIGNAL NAME
ZGU BALL #
ZAJ BALL #
AD0
C05
B04
CLKOUT5
A10
A10
AD1
A03
C05
CLKOUT6
B11
C10
AD2
B04
C04
CLKREQ
D11
D11
AD3
B03
A03
CLKRUN_EN
A13
C11
AD4
A02
A02
DEVSEL
H02
H02
AD5
C04
C03
EXT_ARB_EN
C10
A12
AD6
B02
B03
FRAME
J02
J01
AD7
C03
A01
GNT0
A05
A05
AD8
D03
B01
GNT1
C06
A06
AD9
C02
D02
GNT2
B08
B08
AD10
C01
C01
GNT3
B09
B09
AD11
D02
D01
GNT4
A11
B10
AD12
D01
E02
GNT5
B10
B11
AD13
E03
E01
GPIO0 // CLKRUN
N09
N09
AD14
E02
E03
GPIO1 // PWR_OVRD
M09
M09
AD15
E01
F02
GPIO2
N10
N10
AD16
K01
L01
GPIO3 // SDA
N11
L08
AD17
K02
K03
GPIO4 // SCL
M10
M10
AD18
L01
M01
GRST
N13
M11
AD19
L02
K02
INTA
M06
N06
AD20
M01
L02
INTB
N06
L06
AD21
L03
N01
INTC
M07
M07
AD22
M02
M02
INTD
L07
N07
AD23
L04
L03
IRDY
J01
H03
AD24
M03
N02
JTAG_TCK
M12
N12
AD25
N02
M04
JTAG_TDI
N12
L10
AD26
M04
L04
JTAG_TDO
M11
N11
AD27
N03
N03
JTAG_TMS
L10
L11
AD28
M05
N04
JTAG–TRST
L09
L09
AD29
L05
M05
LOCK
M08
N08
AD30
N04
L05
M66EN
L06
M06
AD31
N05
N05
PAR
F01
G01
C/BE[0]
B01
C02
PCLK66_SEL
B12
A11
C/BE[1]
F02
F03
PCIR
A01
D03
C/BE[2]
J03
K01
K03
J03
C/BE[3]
N01
M03
PERR
G02
G03
CLK
F03
F01
PERST
H11
H11
CLKOUT0
B05
B05
PME
L12
M12
CLKOUT1
B06
B06
PRST
N07
L07
CLKOUT2
A07
B07
REF0_PCIE
K12
M13
CLKOUT3
B07
A07
REF1_PCIE
K13
L13
CLKOUT4
A09
A08
REFCLK–
C12
B13
Submit Documentation Feedback
Overview
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com