Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 72 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 68Page - Texas Instruments XIO2001 Datasheet HTML 69Page - Texas Instruments XIO2001 Datasheet HTML 70Page - Texas Instruments XIO2001 Datasheet HTML 71Page - Texas Instruments XIO2001 Datasheet HTML 72Page - Texas Instruments XIO2001 Datasheet HTML 73Page - Texas Instruments XIO2001 Datasheet HTML 74Page - Texas Instruments XIO2001 Datasheet HTML 75Page - Texas Instruments XIO2001 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 131 page
background image
4.51 Device Status Register
4.52 Link Capabilities Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
Table 4-26. Device Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
1
NFERE
RW
Nonfatal error reporting enable. If this bit is set, then the bridge is enabled to send
ERR_NONFATAL messages to the root complex when a system error event occurs.
0 = Do not report nonfatal errors to the root complex (default)
1 = Report nonfatal errors to the root complex
0
CERE
RW
Correctable error reporting enable. If this bit is set, then the bridge is enabled to send
ERR_COR messages to the root complex when a system error event occurs.
0 = Do not report correctable errors to the root complex (default)
1 = Report correctable errors to the root complex
The device status register provides PCI Express device specific information to the system. See Table 4-27
for a complete description of the register contents.
PCI register offset:
7Ah
Register type:
Read-only
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-27. Device Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:6
RSVD
R
Reserved. Returns 00 0000 0000b when read.
5
PEND
RU
Transaction pending. This bit is set when the bridge has issued a non-posted transaction that
has not been completed.
4
APD
RU
AUX power detected. This bit indicates that AUX power is present.
0 = No AUX power detected
1 = AUX power detected
3
URD
RCU
Unsupported request detected. This bit is set by the bridge when an unsupported request is
received.
2
FED
RCU
Fatal error detected. This bit is set by the bridge when a fatal error is detected.
1
NFED
RCU
Nonfatal error detected. This bit is set by the bridge when a nonfatal error is detected.
0
CED
RCU
Correctable error detected. This bit is set by the bridge when a correctable error is detected.
The link capabilities register indicates the link specific capabilities of the bridge. See Table 4-28 for a
complete description of the register contents.
PCI register offset:
7Ch
Register type:
Read-only
Default value:
000Y XC11h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
1
y
y
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
y
x
x
x
1
1
0
0
0
0
0
1
0
0
0
1
Classic PCI Configuration Space
72
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com