Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 27 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments XIO2001 Datasheet HTML 26Page - Texas Instruments XIO2001 Datasheet HTML 27Page - Texas Instruments XIO2001 Datasheet HTML 28Page - Texas Instruments XIO2001 Datasheet HTML 29Page - Texas Instruments XIO2001 Datasheet HTML 30Page - Texas Instruments XIO2001 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 131 page
background image
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 2-10. Miscellaneous Terminals (continued)
ZGU
ZAJ
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
TYPE
TYPE
RAIL
PARTS
GRST
N13
M11
I
LV
VDD_33
Global reset input. Asynchronously resets all
CMOS
_COMBIO
logic in device, including sticky bits and power
management state machines.
–
Note:
The
GRST
input
buffer
has
both
hysteresis and an internal active pullup. The
pullup is active at all times.
PCLK66_S
B12
A11
I
LV
VDD_33
PCI clock select. This terminal determines the
EL
CMOS
default PCI clock frequency driven out the
CLKOUTx terminals.
0 = 50 MHz PCI Clock
Optional
pulldown
1 = 66 MHz PCI Clock
resistor
Note: This terminal has an internal active
pullup resistor. This pullup is active at all times.
Note: M66EN terminal also has an affect of
PCI clock frequency.
SERIRQ
N08
M08
I/O
PCI Bus
PCIR
Serial IRQ interface. This terminal functions as
Pullup or
a serial IRQ interface if a pullup is detected
pulldown
when PERST is deasserted. If a pulldown is
resistor
detected, then the serial IRQ interface is
disabled.
VREG_PD3
D12
E11
I
LV
VDD_33
3.3-V voltage regulator powerdown. This
3
CMOS
_COMBIO
Pulldown
terminal should always be tied directly to
resistor
ground or an optional pulldown resistor can be
used.
Submit Documentation Feedback
Overview
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com