Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 21 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 131 page
background image
2.7
Terminal Descriptions
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
The following tables give a description of the terminals. These terminals are grouped in tables by
functionality. Each table includes the terminal name, terminal number, I/O type, and terminal description.
The following list describes the different input/output cell types that appear in the terminal description
tables:
• HS DIFF IN = High speed differential input
• HS DIFF OUT = High speed differential output
• PCI BUS = PCI bus 3-state bidirectional buffer with 3.3-V or 5.0-V clamp rail.
• LV CMOS = 3.3-V low voltage CMOS input or output with 3.3-V clamp rail
• BIAS = Input/output terminals that generate a bias voltage to determine a driver's operating current
• Feed through = these terminals connect directly to macros within the part and not through an input or
output cell.
• PWR = Power terminal
• GND = Ground terminal
Table 2-4. Power Supply Terminals
I/O
EXTERNAL
SIGNAL
ZGU BALL #
ZAJ BALL #
DESCRIPTION
TYPE
PARTS
PCIR
A01, K03
D03, J03
I/O
Resistor
PCI Rail. 5.0-V or 3.3-V PCI bus clamp voltage to set
maximum I/O voltage tolerance of the secondary PCI bus
signals. Connect this terminal to the secondary PCI bus I/O
clamp rail through a 1k
Ω resistor.
VDD_15
G04, K07,
J08, H08, J07,
PWR
Bypass
1.5-V digital core power terminals
D07, L13,
G08, N13,
capacitors
H10, G10,
K13, G11, F11
F10
VDDA_15
F13, H13
E12, H12
PWR
Pi filter
1.5-V analog power terminal
VDD_33
E04, H03,
E05, G06,
PWR
Bypass
3.3-V digital I/O power terminal
J04, L08,
H07, G07,
capacitors
K09, D09,
H06, F08, F07,
C07, D05,
F06, J11
J12
VDD_33_AUX
J11
J12
PWR
Bypass
3.3-V auxiliary power terminal Note: This terminal is
capacitors
connected to VSS through a pulldown resistor if no auxiliary
supply is present.
VDDA_33
D13
C12
PWR
Pi filter
3.3-V analog power terminal
Table 2-5. Ground Terminals
SIGNAL
ZGU BALL #
ZAJ BALL #
I/O TYPE
DESCRIPTION
VSS
D04, F04, H04,
E06, F05, G05, H05,
GND
Digital ground terminals
K04, K05, K06,
J05, J06, J09, H09,
K08, L11, J10,
E09, E08, E07, F12
D10, D08, D06,
,F09
F11, F12
VSS
E05, E06, E07,
GND
Ground terminals for thermally-enhanced package
E08, E09, F05,
F06, F07, F08,
F09, G05, G06,
G07, G08, G09,
H05, H06, H07,
H08, H09, J05,
J06, J07, J08,
J09
VSSA
K10, C11, H12,
G09, B12, J13, G12,
GND
Analog ground terminal
G11, E11, E10
F13, D12
Submit Documentation Feedback
Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com