Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 79 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 75Page - Texas Instruments XIO2001 Datasheet HTML 76Page - Texas Instruments XIO2001 Datasheet HTML 77Page - Texas Instruments XIO2001 Datasheet HTML 78Page - Texas Instruments XIO2001 Datasheet HTML 79Page - Texas Instruments XIO2001 Datasheet HTML 80Page - Texas Instruments XIO2001 Datasheet HTML 81Page - Texas Instruments XIO2001 Datasheet HTML 82Page - Texas Instruments XIO2001 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 131 page
background image
4.62 Control and Diagnostic Register 1
4.63 Control and Diagnostic Register 2
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 4-35. Control and Diagnostic Register 0 Description (continued)
ACCES
BIT
FIELD NAME
S
DESCRIPTION
0(1)
FORCE_CLKREQ
RW
Force CLKREQ. When this bit is set, the bridge will force the CLKREQ output to always be
asserted. The default setting for this bit is 1b.
The contents of this register are used for monitoring status and controlling behavior of the bridge. See
Table 4-36 for a complete description of the register contents. It is recommended that all values within this
register be left at the default value. Improperly programming fields in this register may cause
interoperability or other problems.
PCI register offset:
C4h
Register type:
Read/Write
Default value:
0012 0108h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
1
0
0
1
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
Table 4-36. Control and Diagnostic Register 1 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
32:21
RSVD
R
Reserved. Returns 000h when read.
20:18(1)
L1_EXIT_LAT_A
RW
L1 exit latency for asynchronous clock. When bit 6 (CCC) of the link control register (offset
SYNC
80h, see Section 4.53) is set, the value in this field is mirrored in bits 17:15 (L1_LATENCY)
field in the link capabilities register (offset 7Ch, see Section 4.52). This field defaults to 100b.
17:15(1)
L1_EXIT_LAT_C
RW
L1 exit latency for common clock. When bit 6 (CCC) of the link control register (offset 80h, see
OMMON
Section 4.53) is clear, the value in this field is mirrored in bits 17:15 (L1_LATENCY) field in the
link capabilities register (offset 7Ch, see Section 4.52). This field defaults to 100b.
14:11(1)
RSVD
RW
Reserved. Bits 14:11 default to 0000b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 0000b.
10(1)
SBUS_RESET_M
RW
Secondary bus reset bit mask. When this bit is set, the bridge masks the reset caused by bit 6
ASK
(SRST) of the bridge control register (offset 3Eh, see Section 4.29). This bit defaults to 0b.
9:6(1)
L1ASPM_TIMER
RW
L1ASPM entry timer. This field specifies the value (in 512-ns ticks) of the L1ASPM entry timer.
This field defaults to 0100b.
5:2(1)
L0s_TIMER
RW
L0s entry timer. This field specifies the value (in 62.5-MHz clock ticks) of the L0s entry timer.
This field defaults to 0010b.
1:0(1)
RSVD
RW
Reserved. Bits 1:0 default to 00b. If this register is programmed via EEPROM or another
mechanism, then the value written into this field must be 00b.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
The contents of this register are used for monitoring status and controlling behavior of the bridge. See
Table 4-37 for a complete description of the register contents. It is recommended that all values within this
register be left at the default value. Improperly programming fields in this register may cause
interoperability or other problems.
PCI register offset:
C8h
Register type:
Read/Write
Default value:
3214 2000h
Submit Documentation Feedback
Classic PCI Configuration Space
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com