Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 63 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 59Page - Texas Instruments XIO2001 Datasheet HTML 60Page - Texas Instruments XIO2001 Datasheet HTML 61Page - Texas Instruments XIO2001 Datasheet HTML 62Page - Texas Instruments XIO2001 Datasheet HTML 63Page - Texas Instruments XIO2001 Datasheet HTML 64Page - Texas Instruments XIO2001 Datasheet HTML 65Page - Texas Instruments XIO2001 Datasheet HTML 66Page - Texas Instruments XIO2001 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 131 page
background image
4.30 Capability ID Register
4.31 Next Item Pointer Register
4.32 Subsystem Vendor ID Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 4-17. Bridge Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
0
PERR_EN
RW
Parity error response enable. Controls the bridge's response to data, uncorrectable
address, and attribute errors on the secondary interface. Also, the bridge always forwards
data with poisoning, from conventional PCI to PCI Express on an uncorrectable
conventional PCI data error, regardless of the setting of this bit.
0 = Ignore uncorrectable address, attribute, and data errors on the secondary interface
(default)
1 = Enable uncorrectable address, attribute, and data error detection and reporting on
the secondary interface
This read-only register identifies the linked list item as the register for Subsystem ID and Subsystem
Vendor ID capabilities. The register returns 0Dh when read.
PCI register offset:
40h
Register type:
Read-only
Default value:
0Dh
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
1
1
0
1
The contents of this read-only register indicate the next item in the linked list of capabilities for the bridge.
This register reads 48h pointing to the PCI Power Management Capabilities registers.
PCI register offset:
41h
Register type:
Read-only
Default value:
48h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
1
0
0
1
0
0
0
This register, used for system and option card identification purposes, may be required for certain
operating systems. This read-only register is initialized through the EEPROM and can be written through
the subsystem alias register. This register is reset by a PCI Express reset (PERST), a GRST, or the
internally-generated power-on reset.
PCI register offset:
44h
Register type:
Read-only
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Submit Documentation Feedback
Classic PCI Configuration Space
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com