Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 32 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 28Page - Texas Instruments XIO2001 Datasheet HTML 29Page - Texas Instruments XIO2001 Datasheet HTML 30Page - Texas Instruments XIO2001 Datasheet HTML 31Page - Texas Instruments XIO2001 Datasheet HTML 32Page - Texas Instruments XIO2001 Datasheet HTML 33Page - Texas Instruments XIO2001 Datasheet HTML 34Page - Texas Instruments XIO2001 Datasheet HTML 35Page - Texas Instruments XIO2001 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 131 page
background image
3.3.2
Beacon
3.3.3
Wake
3.3.4
Initial Flow Control Credits
3.3.5
PCI Express Message Transactions
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
The bridge supports the PCI Express in-band beacon feature. Beacon is driven on the upstream PCI
Express link by the bridge to request the reapplication of main power when in the L2 link state. To enable
the beacon feature, bit 10 (BEACON_ENABLE) in the general control register at offset D4h is asserted.
See Section 4.65, General Control Register, for details.
If the bridge is in the L2 link state and beacon is enabled, when a secondary PCI bus device asserts PME,
then the bridge outputs the beacon signal on the upstream PCI Express link. The beacon signal frequency
is approximately 500 kHz
± 50% with a differential peak-to-peak amplitude of 500 mV and no
de-emphasis. Once the beacon is activated, the bridge continues to send the beacon signal until main
power is restored as indicated by PERST going inactive. At this time, the beacon signal is deactivated.
The bridge supports the PCI Express sideband WAKE feature. WAKE is an active low signal driven by the
bridge to request the reapplication of main power when in the L2 link state. Since WAKE is an
open-collector output, a system-side pullup resistor is required to prevent the signal from floating.
When the bridge is in the L2 link state and PME is received from a device on the secondary PCI bus, the
WAKE signal is asserted low as a wakeup mechanism. Once WAKE is asserted, the bridge drives the
signal low until main power is restored as indicated by PERST going inactive. At this time, WAKE is
deasserted.
The bridge flow control credits are initialized using the rules defined in the PCI Express Base
Specification. Table 3-2 identifies the initial flow control credit advertisement for the bridge.
Table 3-2. Initial Flow Control Credit Advertisements
CREDIT TYPE
INITIAL ADVERTISEMENT
Posted request headers (PH)
8
Posted request data (PD)
128
Non-posted header (NPH)
4
Non-posted data (NPD)
4
Completion header (CPLH)
0 (infinite)
Completion data (CPLD)
0 (infinite)
PCI Express messages are both initiated and received by the bridge. Table 3-3 outlines message support
within the bridge.
Table 3-3. Messages Supported by the Bridge
MESSAGE
SUPPORTED
BRIDGE ACTION
Assert_INTx
Yes
Transmitted upstream
Deassert_INTx
Yes
Transmitted upstream
PM_Active_State_Nak
Yes
Received and processed
PM_PME
Yes
Transmitted upstream
PME_Turn_Off
Yes
Received and processed
PME_TO_Ack
Yes
Transmitted upstream
ERR_COR
Yes
Transmitted upstream
ERR_NONFATAL
Yes
Transmitted upstream
ERR_FATAL
Yes
Transmitted upstream
Set_Slot_Power_Limit
Yes
Received and processed
Feature/Protocol Descriptions
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com