Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 98 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 94Page - Texas Instruments XIO2001 Datasheet HTML 95Page - Texas Instruments XIO2001 Datasheet HTML 96Page - Texas Instruments XIO2001 Datasheet HTML 97Page - Texas Instruments XIO2001 Datasheet HTML 98Page - Texas Instruments XIO2001 Datasheet HTML 99Page - Texas Instruments XIO2001 Datasheet HTML 100Page - Texas Instruments XIO2001 Datasheet HTML 101Page - Texas Instruments XIO2001 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 131 page
background image
5.5
Uncorrectable Error Severity Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
The uncorrectable error severity register controls the reporting of individual errors as ERR_FATAL or
ERR_NONFATAL. When a bit is set, the corresponding error condition is identified as fatal. When a bit is
cleared, the corresponding error condition is identified as nonfatal. See Table 5-4 for a complete
description of the register contents.
PCI Express extended register offset:
10Ch
Register type:
Read-only, Read/Write
Default value:
0006 2031h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
1
0
0
0
0
0
0
0
1
1
0
0
0
1
Table 5-4. Uncorrectable Error Severity Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:22
RSVD
R
Reserved. Returns 000 0000 0000b when read.
21
ACS_VIOLATION_SEV
R
ACS violation severity. Not supported, returns 0b when read.
R
20(1)
UR_ERROR_SEVRO
RW
Unsupported request error severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
19(1)
ECRC_ERROR_SEVRR
RW
Extended CRC error severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
18(1)
MAL_TLP_SEVR
RW
Malformed TLP severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
17(1)
RX_OVERFLOW_SEVR
RW
Receiver overflow severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
16(1)
UNXP_CPL_SEVRP
RW
Unexpected completion severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
15(1)
CPL_ABORT_SEVR
RW
Completer abort severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
14(1)
CPL_TIMEOUT_SEVR
RW
Completion time-out severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
13(1)
FC_ERROR_SEVR
RW
Flow control error severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
12(1)
PSN_TLP_SEVR
RW
Poisoned TLP severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
11:6
RSVD
R
Reserved. Returns 000 000b when read.
5
SD_ERROR_SEVR
R
SD error severity. Not supported, returns 1b when read.
4(1)
DLL_ERROR_SEVR
RW
Data link protocol error severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI Express Extended Configuration Space
98
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com