Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 96 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 92Page - Texas Instruments XIO2001 Datasheet HTML 93Page - Texas Instruments XIO2001 Datasheet HTML 94Page - Texas Instruments XIO2001 Datasheet HTML 95Page - Texas Instruments XIO2001 Datasheet HTML 96Page - Texas Instruments XIO2001 Datasheet HTML 97Page - Texas Instruments XIO2001 Datasheet HTML 98Page - Texas Instruments XIO2001 Datasheet HTML 99Page - Texas Instruments XIO2001 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 131 page
background image
5.2
Next Capability Offset/Capability Version Register
5.3
Uncorrectable Error Status Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
This read-only register identifies the next location in the PCI Express extended capabilities link list. The
upper 12 bits in this register shall be 000h, indicating that the Advanced Error Reporting Capability is the
last capability in the linked list. The least significant four bits identify the revision of the current capability
block as 1h.
PCI Express extended register offset:
102h
Register type:
Read-only
Default value:
0001h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
The uncorrectable error status register reports the status of individual errors as they occur on the primary
PCI Express interface. Software may only clear these bits by writing a 1b to the desired location. See
Table 5-2 for a complete description of the register contents.
PCI Express extended register offset:
104h
Register type:
Read-only, Read/Clear
Default value:
0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5-2. Uncorrectable Error Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:22
RSVD
R
Reserved. Returns 000 0000 0000b when read.
21
ACS_VIOLATION
R
ACS Violation. Not supported, ths bit returns 0b when read.
20(1)
UR_ERROR
RCU
Unsupported request error. This bit is asserted when an unsupported request is received.
19(1)
ECRC_ERROR
RCU
Extended CRC error. This bit is asserted when an extended CRC error is detected.
18(1)
MAL_TLP
RCU
Malformed TLP. This bit is asserted when a malformed TLP is detected.
17(1)
RX_OVERFLOW
RCU
Receiver overflow. This bit is asserted when the flow control logic detects that the
transmitting device has illegally exceeded the number of credits that were issued.
16(1)
UNXP_CPL
RCU
Unexpected completion. This bit is asserted when a completion packet is received that
does not correspond to an issued request.
15(1)
CPL_ABORT
RCU
Completer abort. This bit is asserted when the bridge signals a completer abort.
14(1)
CPL_TIMEOUT
RCU
Completion time-out. This bit is asserted when no completion has been received for an
issued request before the time-out period.
13(1)
FC_ERROR
RCU
Flow control error. This bit is asserted when a flow control protocol error is detected either
during initialization or during normal operation.
12(1)
PSN_TLP
RCU
Poisoned TLP. This bit is asserted when a poisoned TLP is received.
11:6
RSVD
R
Reserved. Returns 00 0000b when read.
5
SD_ERROR
R
Surprise down error. Not supported, this bit returns 0b when read.
4(1)
DLL_ERROR
RCU
Data link protocol error. This bit is asserted if a data link layer protocol error is detected.
3:0
RSVD
R
Reserved. Returns 0h when read.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI Express Extended Configuration Space
96
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com