Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 24 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments XIO2001 Datasheet HTML 26Page - Texas Instruments XIO2001 Datasheet HTML 27Page - Texas Instruments XIO2001 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 131 page
background image
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
Table 2-8. PCI System Terminals (continued)
ZGU
ZAJ
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
TYPE
TYPE
RAIL
PARTS
FRAME
J02
J01
I/O
PCI Bus
PCIR
Pullup
PCI frame
resistor per
PCI spec
GNT5
B10
B11
O
PCI Bus
PCIR
PCI grant outputs. These signals are used for
GNT4
A11
B10
arbitration when the PCI bus is the secondary
GNT3
B09
B09
bus and an external arbiter is not used. GNT0
–
GNT2
B08
B08
is used as the REQ for the bridge when an
GNT1
C06
A06
external arbiter is used.
GNT0
A05
A05
INTA
M06
N06
I
PCI Bus
PCIR
PCI interrupts A–D. These signals are interrupt
Pullup
INTB
N06
L06
inputs to the bridge on the secondary PCI bus.
resistor per
INTC
M07
M07
PCI spec
INTD
L07
N07
IRDY
J01
H03
I/O
PCI Bus
PCIR
Pullup
PCI initiator ready
resistor per
PCI spec
LOCK
M08
N08
I/O
PCI Bus
PCIR
This terminal functions as PCI LOCK when bit
12 (LOCK_EN) is set in the general control
Pullup
register (see Section 4.65).
resistor per
Note: In lock mode, an external pullup resistor
PCI spec
is required to prevent the LOCK signal from
floating.
M66EN
L06
M06
I
PCI Bus
PCIR
66-MHz mode enable
0 = Secondary PCI bus and clock outputs
Pullup
operate at 33 MHz. If PCLK66_SEL is low then
resistor per
the frequency will be 25 MHz.
PCI spec
1 = Secondary PCI bus and clock outputs
operate at 66 MHz. If PCLK66_SEL is low then
the frequency will be 50 MHz.
PAR
F01
G01
I/O
PCI Bus
PCIR
–
PCI bus parity
PERR
G02
G03
I/O
PCI Bus
PCIR
Pullup
PCI parity error
resistor per
PCI spec
PME
L12
M12
I
LV
VDD_33_
Pullup resistor per PCI spec PCI power
CMOS
COMBIO
management event. This terminal may be used
Pullup
to detect PME events from a PCI device on the
resistor per
secondary bus.
PCI spec
Note: The PME input buffer has hysteresis.
REQ5
A12
C09
I
PCI Bus
PCIR
PCI request inputs. These signals are used for
REQ4
C09
A09
If unused, a arbitration on the secondary PCI bus when an
REQ3
C08
C08
weak pullup external arbiter is not used. REQ0 is used as
REQ2
A08
C07
resistor per
the GNT for the bridge when an external
REQ1
A06
C06
PCI spec
arbiter is used.
REQ0
A04
A04
PRST
N07
L07
O
PCI Bus
PCIR
PCI reset. This terminal is an output to the
–
secondary PCI bus.
SERR
G03
G02
I/O
PCI Bus
PCIR
Pullup
PCI system error
resistor per
PCI spec
STOP
G01
H01
I/O
PCI Bus
PCIR
Pullup
PCI stop
resistor per
PCI spec
TRDY
H01
J02
I/O
PCI Bus
PCIR
Pullup
PCI target ready
resistor per
PCI spec
Overview
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com