Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 69 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 65Page - Texas Instruments XIO2001 Datasheet HTML 66Page - Texas Instruments XIO2001 Datasheet HTML 67Page - Texas Instruments XIO2001 Datasheet HTML 68Page - Texas Instruments XIO2001 Datasheet HTML 69Page - Texas Instruments XIO2001 Datasheet HTML 70Page - Texas Instruments XIO2001 Datasheet HTML 71Page - Texas Instruments XIO2001 Datasheet HTML 72Page - Texas Instruments XIO2001 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 131 page
background image
4.46
PCI Express Capability ID Register
4.47 Next Item Pointer Register
4.48 PCI Express Capabilities Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
This read-only register identifies the linked list item as the register for subsystem ID and subsystem
vendor ID capabilities. The register returns 10h when read.
PCI register offset:
70h
Register type:
Read-only
Default value:
10h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
1
0
0
0
0
The contents of this read-only register indicate the next item in the linked list of capabilities for the bridge.
This register reads 00h, indicating no additional capabilities are supported.
PCI register offset:
71h
Register type:
Read-only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
This read-only register indicates the capabilities of the bridge related to PCI Express. See Table 4-24 for a
complete description of the register contents.
PCI register offset:
72h
Register type:
Read-only
Default value:
0072h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
1
Table 4-24. PCI Express Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:14
RSVD
R
Reserved. Returns 00b when read.
13:9
INT_NUM
R
Interrupt message number. This field is used for MSI support and is implemented as
read-only 00000b in the bridge.
8
SLOT
R
Slot implemented. This bit is not valid for the bridge and is read-only 0b.
7:4
DEV_TYPE
R
Device/port type. This read-only field returns 0111b indicating that the device is a PCI
Express-to-PCI bridge.
3:0
VERSION
R
Capability version. This field returns 2h indicating revision 2 of the PCI Express capability.
Submit Documentation Feedback
Classic PCI Configuration Space
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com