Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 73 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 69Page - Texas Instruments XIO2001 Datasheet HTML 70Page - Texas Instruments XIO2001 Datasheet HTML 71Page - Texas Instruments XIO2001 Datasheet HTML 72Page - Texas Instruments XIO2001 Datasheet HTML 73Page - Texas Instruments XIO2001 Datasheet HTML 74Page - Texas Instruments XIO2001 Datasheet HTML 75Page - Texas Instruments XIO2001 Datasheet HTML 76Page - Texas Instruments XIO2001 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 131 page
background image
4.53 Link Control Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 4-28. Link Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24
PORT_NUM
R
Port number. This field indicates port number for the PCI Express link. This field is read-only
00h indicating that the link is associated with port 0.
23:22
RSVD
R
Reserved. Return 00b when read.
21
LBN_CAP
R
Link bandwidth notification. This bit is hardwired to 0b since this field is not applicable to a
bridge.
20
DLLLAR_CAP
R
DLL link active reporting capable. This bit is hardwired to 0b since the bridge does not support
this capability.
19
SDER_CAP
R
Surprise down error reporting capable. This bit is hardwired to 0b since the bridge does not
support this capability.
18
CLK_PM
R
Clock Power Management. This bit is hardwired to 1 to indicate that XIO2001 supports Clock
Power Management through CLKREQ protocol.
17:15
L1_LATENCY
R
L1 exit latency. This field indicates the time that it takes to transition from the L1 state to the L0
state. Bit 6 (CCC) in the link control register (offset 80h, see Section 4.53) equals 1b for a
common clock and equals 0b for an asynchronous clock.
For a common reference clock, the value of this field is determined by bits 20:18
(L1_EXIT_LAT_ASYNC) of the control and diagnostic register 1 (offset C4h, see Section 4.62).
For an asynchronous reference clock, the value of this field is determined by bits 17:15
(L1_EXIT_LAT_COMMON) of the control and diagnostic register 1 (offset C4h, see
Section 4.62).
14:12
L0S_LATENCY
R
L0s exit latency. This field indicates the time that it takes to transition from the L0s state to the
L0 state. Bit 6 (CCC) in the link control register (offset 80h, see Section 4.53) equals 1b for a
common clock and equals 0b for an asynchronous clock.
For a common reference clock, the value of 011b indicates that the L1 exit latency falls between
256 ns to less than 512 ns.
For an asynchronous reference clock, the value of 100b indicates that the L1 exit latency falls
between 512 ns to less than 1
µs.
11:10
ASLPMS
R
Active state link PM support. This field indicates the level of active state power management
that the bridge supports. The value 11b indicates support for both L0s and L1 through active
state power management.
9:4
MLW
R
Maximum link width. This field is encoded 00 0001b to indicate that the bridge only supports a
x1 PCI Express link.
3:0
MLS
R
Maximum link speed. This field is encoded 1h to indicate that the bridge supports a maximum
link speed of 2.5 Gb/s.
The link control register controls link specific behavior. See Table 4-29 for a complete description of the
register contents.
PCI register offset:
80h
Register type:
Read-only, Read/Write
Default value:
0Y0Xh
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
y
0
0
0
0
0
0
x
x
Table 4-29. Link Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:12
RSVD
R
Reserved. Returns 0h when read.
11
LABW_IEN
R
Link autonomous bandwidth interrupt enable. This bit is hardwired to 0b since this field is
not applicable to a bridge.
10
LBWN_IEN
R
Link bandwidth management interrupt enable. This bit is hardwired to 0b since this field is
not applicable to a bridge.
9
HWAW_DIS
R
Hardware autonomous width disable. This bit is hardwired to 0b since this field is not
supported by this bridge.
Submit Documentation Feedback
Classic PCI Configuration Space
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com