Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 29Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 30Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 31Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 32Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 33Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 34Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 35Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 36Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 33 of 40
9.13 Sequence Diagram
Various sequence diagrams and examples are presented in this section.
9.13.1 Single and Burst Synchronous Read Example
Figure 20 shows the timing relationship of the SLAVE FIFO
signals during a synchronous FIFO read using IFCLK as the
synchronizing clock. The diagram illustrates a single read
followed by a burst read.
At t = 0 the FIFO address is stable and the signal SLCS is
asserted (SLCS may be tied low in some applications).
Note tSFA has a minimum of 25 ns. This means that when
IFCLK is running at 48 MHz, the FIFO address setup time is
more than one IFCLK cycle.
At t = 1, SLOE is asserted. SLOE is an output enable only
whose sole function is to drive the data bus. The data that is
driven on the bus is the data that the internal FIFO pointer is
currently pointing to. In this example, it is the first data value in
the FIFO.
Note The data is prefetched and driven on the bus when SLOE
is asserted.
At t = 2, SLRD is asserted. SLRD must meet the setup time of
tSRD (time from asserting the SLRD signal to the rising edge of
the IFCLK) and maintain a minimum hold time of tRDH (time
from the IFCLK edge to the deassertion of the SLRD signal).
If the SLCS signal is used, it must be asserted before SLRD
(that is, the SLCS and SLRD signals must both be asserted to
start a valid read condition).
The FIFO pointer is updated on the rising edge of the IFCLK
while SLRD is asserted. This starts the propagation of data
from the newly addressed location to the data bus. After a
propagation delay of tXFD (measured from the rising edge of
IFCLK) the new data value is present. N is the first data value
read from the FIFO. To have data on the FIFO data bus, SLOE
must also be asserted.
The same sequence of events is shown for a burst read and is
marked with the time indicators of T = 0 through 5.
Note For the burst mode, the SLRD and SLOE are left asserted
during the entire duration of the read. In the burst read mode,
when SLOE is asserted, data indexed by the FIFO pointer is on
the data bus. During the first read cycle on the rising edge of the
clock, the FIFO pointer is updated and increments to point to
address N+1. For each subsequent rising edge of IFCLK while
the SLRD is asserted, the FIFO pointer is incremented and the
next data value is placed on the data bus.
IFCLK
SLRD
FLAGS
SLOE
DATA
Figure 20. Slave FIFO Synchronous Read Sequence and Timing Diagram[16]
tSRD
tRDH
tOEon
tXFD
tXFLG
tIFCLK
N+1
Data Driven: N
>= tSRD
tOEon
tXFD
N+2
tXFD
tXFD
>= tRDH
tOEoff
N+4
N+3
tOEoff
tSFA
tFAH
FIFOADR
SLCS
t=0
N+1
t=1
t=2
t=3
t=4
tFAH
T=0
tSFA
T=1
T=2
T=3
T=4
NN
N+1
N+2
FIFO POINTER
N+3
FIFO DATA BUS
N+4
Not Driven
Driven: N
SLOE
SLRD
N+1
N+2
N+3
Not Driven
SLRD
SLOE
IFCLK
Figure 21. Slave FIFO Synchronous Sequence of Events Diagram
IFCLK
IFCLK
IFCLK
IFCLK
N+4
N+4
IFCLK
IFCLK
IFCLK
IFCLK
SLRD
N+1
SLRD
N+1
N+1
SLOE
Not Driven
N+4
N+4
IFCLK
SLOE
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com