Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 19Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 20Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 21Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 22Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 23Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 24Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 25Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 26Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 23 of 40
6. Absolute Maximum Ratings
Storage Temperature ............................................................. ..................................................................................... –65°C to +150°C
Ambient Temperature with Power Supplied
Industrial ................................................................................ ....................................................................................... –40°C to +85°C
Supply Voltage to Ground Potential
For 3.3V Power domain......................................................... ........................................................................................ –0.5V to +4.0V
For 1.8V Power domain......................................................... ........................................................................................ –0.5V to +2.0V
DC Input Voltage to Any Input Pin
For pins under 3.3V Power Domain ...................................... ....................................................................................................3.6V[14]
For pins under 1.8V - 3.3V Power Domain (GPIOs).............. ..................................................................................... 1.89V to 3.6V[14]
(The GPIOs are not over voltage tolerant, except the SCL and SDA pins, which are 3.3V tolerant)
DC Voltage Applied to Outputs in High Z State ..................... ............................................................................... –0.5V to VCC +0.5V
Maximum Power Dissipation
From AVcc Supply ................................................................. .....................................................................................................90 mW
From I/O Supply .................................................................... .....................................................................................................36 mW
From Core Supply ................................................................. .....................................................................................................95 mW
Static Discharge Voltage........................................................ ....................................................................................................>2000V
(I2C SCL and SDA pins only ................................................. .............................................................................................. ... >1500V)
Maximum Output Current, per I/O port .................................. ......................................................................................................10 mA
7. Operating Conditions
TA (Ambient Temperature Under Bias)
Industrial ................................................................................ ....................................................................................... –40°C to +85°C
Supply Voltage
3.3V Power Supply ................................................................ ............................................................................................ 3.0V to 3.6V
1.8V Power Supply ................................................................ ......................................................................................... 1.71V to1.89V
Ground Voltage...................................................................... ............................................................................................................ 0V
FOSC (Oscillator or Crystal Frequency).................................. .................................................................................. 24 MHz ± 100 ppm
............................................................................................... .................................................................................... Parallel Resonant
............................................................................................... ...................................................................................500
μW drive level
............................................................................................... .............................................................................Load capacitors 12 pF
Note
14. Do not power I/O when chip power is OFF.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com