Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 17Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 18Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 19Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 20Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 21Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 22Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 23Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 24Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 21 of 40
Special Function Registers (SFRs)
80
1
IOA[13]
Port A (bit addressable)
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
81
1
SP
Stack Pointer
D7
D6
D5
D4
D3
D2
D1
D0
00000111 RW
82
1
DPL0
Data Pointer 0 L
A7
A6
A5
A4
A3
A2
A1
A0
00000000 RW
83
1
DPH0
Data Pointer 0 H
A15
A14
A13
A12
A11
A10
A9
A8
00000000 RW
84
1
DPL1[13]
Data Pointer 1 L
A7
A6
A5
A4
A3
A2
A1
A0
00000000 RW
85
1
DPH1[13]
Data Pointer 1 H
A15
A14
A13
A12
A11
A10
A9
A8
00000000 RW
86
1
DPS[13]
Data Pointer 0/1 select
0
0
0
0
0
0
0
SEL
00000000 RW
87
1
PCON
Power control
SMOD0
x
1
1
x
x
x
IDLE
00110000 RW
88
1
TCON
Timer/Counter control
(bit addressable)
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00000000 RW
89
1
TMOD
Timer/Counter mode
control
GATE
CT
M1
M0
GATE
CT
M1
M0
00000000 RW
8A
1
TL0
Timer 0 reload L
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
8B
1
TL1
Timer 1 reload L
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
8C
1
TH0
Timer 0 reload H
D15
D14
D13
D12
D11
D10
D9
D8
00000000 RW
8D
1
TH1
Timer 1 reload H
D15
D14
D13
D12
D11
D10
D9
D8
00000000 RW
8E
1
CKCON[13]
Clock control
x
x
T2M
T1M
T0M
MD2
MD1
MD0
00000001 RW
8F
1
Reserved
90
1
IOB[13]
Port B (bit addressable)
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
91
1
EXIF[13]
External interrupt flags
IE5
IE4
I²CINT
USBNT
1
0
0
0
00001000 RW
92
1
MPAGE[13]
Upper address byte of MOVX
using @R0/@R1
A15
A14
A13
A12
A11
A10
A9
A8
00000000 RW
93
5
Reserved
98
1
SCON0
Serial Port 0 Control
(bit addressable)
SM0_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
00000000 RW
99
1
SBUF0
Serial Port 0 data buffer
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
9A
1
AUTOPTRH1[13]
Autopointer 1 address H
A15
A14
A13
A12
A11
A10
A9
A8
00000000 RW
9B
1
AUTOPTRL1[13]
Autopointer 1 address L
A7
A6
A5
A4
A3
A2
A1
A0
00000000 RW
9C
1
Reserved
9D
1
AUTOPTRH2[13]
Autopointer 2 address H
A15
A14
A13
A12
A11
A10
A9
A8
00000000 RW
9E
1
AUTOPTRL2[13]
Autopointer 2 address L
A7
A6
A5
A4
A3
A2
A1
A0
00000000 RW
9F
1
Reserved
A0
1
IOC[13]
Port C (bit addressable)
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
A1
1
INT2CLR[13]
Interrupt 2 Clear
x
x
x
x
x
x
x
x
xxxxxxxx W
A2
1
Reserved
x
x
x
x
x
x
x
x
xxxxxxxx W
A3
5
Reserved
A8
1
IE
Interrupt Enable
(bit addressable)
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
00000000 RW
A9
1
Reserved
AA
1
EP2468STAT[13]
Endpoint 2,4,6,8 status flags
EP8F
EP8E
EP6F
EP6E
EP4F
EP4E
EP2F
EP2E
01011010 R
AB
1
EP24FIFOFLGS
[13]
Endpoint 2,4 Slave FIFO
status flags
0
EP4PF
EP4EF
EP4FF
0
EP2PF
EP2EF
EP2FF
00100010 R
AC
1
EP68FIFOFLGS
[13]
Endpoint 6,8 Slave FIFO
status flags
0
EP8PF
EP8EF
EP8FF
0
EP6PF
EP6EF
EP6FF
01100110 R
AD
2
Reserved
AF
1
AUTOPTRSETUP[13] Autopointer 1 and 2 Setup
0
0
0
0
0
APTR2INC
APTR1INC
APTREN
00000110 RW
B0
1
IOD[13]
Port D (bit addressable)
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
B1
1
IOE[13]
Port E
(NOT bit addressable)
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
B2
1
OEA[13]
Port A Output Enable
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
B3
1
OEB[13]
Port B Output Enable
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
B4
1
OEC[13]
Port C Output Enable
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
B5
1
OED[13]
Port D Output Enable
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
B6
1
OEE[13]
Port E Output Enable
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
B7
1
Reserved
B8
1
IP
Interrupt Priority (bit address-
able)
1
PS1
PT2
PS0
PT1
PX1
PT0
PX0
10000000 RW
B9
1
Reserved
BA
1
EP01STAT[13]
Endpoint 0 and 1 Status
0
0
0
0
0
EP1INBSY EP1OUTBSY
EP0BSY
00000000 R
BB
1
GPIFTRIG[13, 10]
Endpoint 2,4,6,8 GPIF Slave
FIFO trigger
DONE
0
0
0
0
RW
EP1
EP0
10000xxx brrrrbbb
BC
1
Reserved
BD
1
GPIFSGLDATH[13]
GPIF Data H (16-bit mode
only)
D15
D14
D13
D12
D11
D10
D9
D8
xxxxxxxx RW
BE
1
GPIFSGLDATLX[13] GPIF Data L w/trigger
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
BF
1
GPIFSGLDATL-
NOX[13]
GPIF Data L w/no trigger
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx R
Table 8. FX2LP18 Register Summary (continued)
Hex
Size Name
Description
b7
b6
b5
b4
b3
b2
b1
b0
Default
Access
Note
13. SFRs not part of the standard 8051 architecture.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com