Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 32Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 33Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 34Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 35Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 36Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 37Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 38Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 39Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 40Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 37 of 40
10. Ordering Information
11. Package Diagram
The FX2LP18 is available in a 56-pin VFBGA package.
Figure 26. 56 VFBGA (5 x 5 x 1.0 mm) 0.50 Pitch, 0.30 Ball BZ56
Table 24. Ordering Information
Ordering Code
Package Type
RAM Size
# Prog I/Os
8051 Address/Data
Buses
CY7C68053-56BAXI
56 VFBGA– Pb-free
16K
24
Development Tool Kit
CY3687
MoBL-USB FX2LP18 Development Kit
TOP VIEW
PIN A1 CORNER
0.50
3.50
5.00±0.10
BOTTOM VIEW
0.10(4X)
Ø0.15 M C A B
Ø0.05 M C
Ø0.30±0.05(56X)
A1 CORNER
-B-
-A-
SEATING PLANE
-C-
SIDE VIEW
5.00±0.10
REFERENCE JEDEC: MO-195C
PACKAGE WEIGHT: 0.02 grams
E
G
H
F
D
C
B
A
13
26
5
48
6
7
85
6
2
3
41
E
G
H
F
D
C
B
A
001-03901-*B
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com