Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 8Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 9Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 10Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 11Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 12Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 13Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 14Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 15Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 12 of 40
4.1 CY7C68053 Pin Descriptions
Note
9. Do not leave unused inputs floating. Tie either HIGH or LOW as appropriate. Only pull outputs up or down to ensure signals at power up and in standby. Do not drive
any pins while the device is powered down.
Table 7. FX2LP18 Pin Descriptions [9]
56 VFBGA
Name
Type
Default
Description
2D
AVCC
Power
N/A
Analog VCC. Connect this pin to 3.3V power source. This signal provides
power to the analog section of the chip.
Provide an appropriate bulk/bypass capacitance for this supply rail.
1D
AVCC
Power
N/A
Analog VCC. Connect this pin to 3.3V power source. This signal provides
power to the analog section of the chip.
2F
AGND
Ground
N/A
Analog Ground. Connect this pin to ground with as short a path as possible.
1F
AGND
Ground
N/A
Analog Ground. Connect to this pin ground with as short a path as possible.
1E
DMINUS
I/O/Z
Z
USB D– Signal. Connect this pin to the USB D– signal.
2E
DPLUS
I/O/Z
Z
USB D+ Signal. Connect this pin to the USB D+ signal.
8B
RESET#
Input
N/A
Active LOW Reset. This pin resets the entire chip. See Reset and Wakeup on
page 5 for details.
1C
XTALIN
Input
N/A
Crystal Input. Connect this signal to a 24 MHz parallel resonant, fundamental
mode crystal and load capacitor to GND.
It is also correct to drive XTALIN with an external 24 MHz square wave derived
from another clock source.
2C
XTALOUT
Output
N/A
Crystal Output. Connect this signal to a 24 MHz parallel resonant, funda-
mental mode crystal and load capacitor to GND.
If an external clock is used to drive XTALIN, leave this pin open.
2B
CLKOUT
O/Z
12 MHz
CLKOUT. 12, 24, or 48 MHz clock, phase locked to the 24 MHz input clock.
The 8051 defaults to 12 MHz operation. The 8051 may tri-state this output by
setting CPUCS.1 = 1.
Port A
8G
PA0 or
INT0#
I/O/Z
I
(PA0)
Multiplexed pin whose function is selected by PORTACFG.0
PA0 is a bidirectional I/O port pin.
INT0# is the active LOW 8051 INT0 interrupt input signal, which is either edge
triggered (IT0 = 1) or level triggered (IT0 = 0).
6G
PA1 or
INT1#
I/O/Z
I
(PA1)
Multiplexed pin whose function is selected by PORTACFG.1
PA1 is a bidirectional I/O port pin.
INT1# is the active LOW 8051 INT1 interrupt input signal, which is either edge
triggered (IT1 = 1) or level triggered (IT1 = 0).
8F
PA2 or
SLOE
I/O/Z
I
(PA2)
Multiplexed pin whose function is selected by two bits: IFCONFIG[1:0].
PA2 is a bidirectional I/O port pin.
SLOE is an input-only output enable with programmable polarity (FIFOPIN-
POLAR.4) for the slave FIFO’s connected to FD[7:0] or FD[15:0].
7F
PA3 or
WU2
I/O/Z
I
(PA3)
Multiplexed pin whose function is selected by: WAKEUP.7 and OEA.3
PA3 is a bidirectional I/O port pin.
WU2 is an alternate source for USB Wakeup, enabled by WU2EN bit
(WAKEUP.1) and polarity set by WU2POL (WAKEUP.4). If the 8051 is in
suspend and WU2EN = 1, a transition on this pin starts up the oscillator and
interrupts the 8051 to allow it to exit the suspend mode. Asserting this pin
inhibits the chip from suspending, if WU2EN = 1.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com