Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 18Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 19Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 20Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 21Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 22Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 23Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 24Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 25Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 22 of 40
C0
1
SCON1[13]
Serial Port 1 Control (bit
addressable)
SM0_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
00000000 RW
C1
1
SBUF1[13]
Serial Port 1 Data Buffer
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
C2
6
Reserved
C8
1
T2CON
Timer/Counter 2 Control (bit
addressable)
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
CT2
CPRL2
00000000 RW
C9
1
Reserved
CA
1
RCAP2L
Capture for Timer 2,
auto-reload, up counter
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
CB
1
RCAP2H
Capture for Timer 2,
auto-reload, up counter
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
CC
1
TL2
Timer 2 Reload L
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
CD
1
TH2
Timer 2 Reload H
D15
D14
D13
D12
D11
D10
D9
D8
00000000 RW
CE
2
Reserved
D0
1
PSW
Program Status Word (bit ad-
dressable)
CY
AC
F0
RS1
RS0
OV
F1
P
00000000 RW
D1
7
Reserved
D8
1
EICON[13]
External Interrupt Control
SMOD1
1
ERESI
RESI
INT6
0
0
0
01000000 RW
D9
7
Reserved
E0
1
ACC
Accumulator (bit address-
able)
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
E1
7
Reserved
E8
1
EIE[13]
External Interrupt Enables
1
1
1
EX6
EX5
EX4
EI²C
EUSB
11100000 RW
E9
7
Reserved
F0
1
B
B (bit addressable)
D7
D6
D5
D4
D3
D2
D1
D0
00000000 RW
F1
7
Reserved
F8
1
EIP[13]
External Interrupt Priority
control
1
1
1
PX6
PX5
PX4
PI²C
PUSB
11100000 RW
F9
7
Reserved
Table 8. FX2LP18 Register Summary (continued)
Hex
Size Name
Description
b7
b6
b5
b4
b3
b2
b1
b0
Default
Access
Ledgend
R = All bits read only
W = All bits write only
r = Read-only bit
w = Write-only bit
b = Both read/write bit
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com