Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 24Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 25Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 26Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 27Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 28Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 29Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 30Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 31Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 28 of 40
9.5 Slave FIFO Synchronous Write
Z
Z
tSFD
tFDH
DATA
IFCLK
SLWR
FLAGS
tWRH
tXFLG
tIFCLK
tSWR
N
Figure 11. Slave FIFO Synchronous Write Timing Diagram[16]
Table 15.Slave FIFO Synchronous Write Parameters with Internally Sourced IFCLK[17]
Parameter
Description
Min
Max
Unit
tIFCLK
IFCLK period
20.83
ns
tSWR
SLWR to clock setup time
18.1
ns
tWRH
Clock to SLWR hold time
0
ns
tSFD
FIFO data to clock setup time
10.64
ns
tFDH
Clock to FIFO data hold time
0
ns
tXFLG
Clock to FLAGS output propagation time
9.5
ns
Table 16.Slave FIFO Synchronous Write Parameters with Externally Sourced IFCLK[10]
Parameter
Description
Min
Max
Unit
tIFCLK
IFCLK period
20.83
200
ns
tSWR
SLWR to clock setup time
12.1
ns
tWRH
Clock to SLWR hold time
3.6
ns
tSFD
FIFO data to clock setup time
3.2
ns
tFDH
Clock to FIFO data hold time
4.5
ns
tXFLG
Clock to FLAGS output propagation time
13.5
ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com