Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 2Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 3Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 4Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 5Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 6Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 7Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 8Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 9Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 6 of 40
CTL0-2. If tri-stated via GPIFIDLECTL, these pins must be
pulled to VCC_IO or GND or driven by another chip.
RESET#, WAKEUP#. These pins must be pulled to VCC_IO or
GND or driven by another chip during suspend.
3.10 Program/Data RAM
This section describes the FX2LP18 RAM.
3.10.1 Size
The FX2LP18 has 16 kBytes of internal program/data RAM. No
USB control registers appear in this space.
Memory maps are shown in Figure 3 and Figure 4.
3.10.2 Internal Code Memory
This mode implements the internal 16-kByte block of RAM
(starting at 0) as combined code and data memory. Only the
internal 16 kBytes and scratch pad 0.5 kBytes RAM spaces
have the following access:
USB download
USB upload
Setup data pointer
I
2C interface boot load
3.11 Register Addresses
3.12 Endpoint RAM
This section describes the FX2LP18 Endpoint RAM.
3.12.1 Size
3 × 64 bytes (Endpoints 0, 1)
8 × 512 bytes (Endpoints 2, 4, 6, 8)
3.12.2 Organization
EP0
Bidirectional endpoint zero, 64-byte buffer
EP1IN, EP1OUT
64-byte buffers: bulk or interrupt
EP2, 4, 6, 8
Eight 512-byte buffers: bulk, interrupt, or isochronous. EP4 and
EP8 can be double buffered, while EP2 and 6 can be double,
triple, or quad buffered. For high speed endpoint configuration
options, see Figure 5 on page 7.
3.12.3 Setup Data Buffer
A separate 8-byte buffer at 0xE6B8-0xE6BF holds the setup data
from a CONTROL transfer.
Figure 3. FX2LP18 Internal Code Memory
7.5 kBytes
USB regs and
4K FIFO buffers
0.5 kBytes RAM
Data
16 kBytes RAM
Code and Data
FFFF
E200
E1FF
E000
3FFF
0000
.
.
.
FFFF
E800
E7BF
E740
E73F
E700
E6FF
E500
E4FF
E480
E47F
E400
E200
E1FF
E000
E3FF
EFFF
2 kBytes RESERVED
64 Bytes EP0 IN/OUT
64 Bytes RESERVED
8051 Addressable Registers
Reserved (128)
128 Bytes GPIF Waveforms
512 Bytes
8051 xdata RAM
F000
(512)
Reserved (512)
E780
64 Bytes EP1OUT
E77F
64 Bytes EP1IN
E7FF
E7C0
4 kBytes EP2-EP8
buffers
(8 x 512)
Figure 4. Register Address Memory
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com