Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 20Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 21Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 22Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 23Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 24Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 25Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 26Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 27Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 24 of 40
8. DC Characteristics
Table 9. DC Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
AVCC
3.3V supply (to oscillator and PHY)
3.00
3.3
3.60
V
VCC_IO
1.8V to 3.3V supply (to I/O)
1.71
1.8
3.60
V
VCC_A
1.8V supply to analog core
1.71
1.8
1.89
V
VCC_D
1.8V supply to digital core
1.71
1.8
1.89
V
VIH
Input HIGH voltage
0.6*VCC_IO
VCC_IO+10%
V
VIL
Input LOW voltage
0
0.3*VCC_IO
V
VIH_X
Crystal input HIGH voltage
2.0
3.60
V
VIL_X
Crystal input LOW voltage
–0.5
0.8
V
Hysteresis
50
mV
II
Input leakage current
0< VIN < VCC_IO
±10
μA
VOH
Output voltage HIGH
IOUT = 4 mA
VCC_IO – 0.4
V
VOL
Output LOW voltage
IOUT = –4 mA
0.4
V
IOH
Output current HIGH
4mA
IOL
Output current LOW
4mA
CIN
Input pin capacitance
Except D+/D–
10
pF
D+/D–
15
pF
ISUSP
Suspend current
Connected
220
380[15]
μA
Disconnected
20
150[15]
μA
ICC_AVcc
Supply current (AVCC)
8051 running, connected to USB HS
15
25
mA
8051 running, connected to USB FS
10
20
mA
ICC_IO
Supply current (VCC_IO)
8051 running, connected to USB HS
3
10
mA
8051 running, connected to USB FS
1
5
mA
ICC_CORE
Supply current (VCC_CORE)
8051 running, connected to USB HS
32
50
mA
8051 running, connected to USB FS
24
40
mA
TRESET
Reset time after valid power
VCC min = 3.0V
5.0
ms
Pin reset after powered on
200
μs
Note
15. Measured at maximum VCC, 25°C.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com