Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 7Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 8Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 9Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 10Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 11Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 12Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 13Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 14Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 11 of 40
Figure 7. CY7C68053 56-pin VFBGA Pin Assignment - Top View
12
34
5
678
A
B
C
D
E
F
G
H
1A
2A
3A
4A
5A
6A
7A
8A
1B
2B
3B
4B
5B
6B
7B
8B
1C
2C
3C
4C
5C
6C
7C
8C
1D
2D
7D
8D
1E
2E
7E
8E
1F
2F
3F
4F
5F
6F
7F
8F
1G
2G
3G
4G
5G
6G
7G
8G
1H
2H
3H
4H
5H
6H
7H
8H
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com