Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 23Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 24Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 25Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 26Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 27Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 28Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 29Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 30Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 27 of 40
9.4 Slave FIFO Asynchronous Read
SLRD
FLAGS
tRDpwl
tRDpwh
SLOE
tXFLG
tXFD
DATA
tOEon
tOEoff
N+1
N
Figure 10. Slave FIFO Asynchronous Read Timing Diagram[16]
Note
19. Slave FIFO asynchronous parameter values use internal IFCLK setting at 48 MHz.
Table 14.Slave FIFO Asynchronous Read Parameters[19]
Parameter
Description
Min
Max
Unit
tRDpwl
SLRD pulse width LOW
50
ns
tRDpwh
SLRD pulse width HIGH
50
ns
tXFLG
SLRD to FLAGS output propagation delay
70
ns
tXFD
SLRD to FIFO data output propagation delay
15
ns
tOEon
SLOE turn-on to FIFO data valid
10.5
ns
tOEoff
SLOE turn-off to FIFO data hold
2.15
10.5
ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com