Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 28Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 29Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 30Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 31Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 32Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 33Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 34Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 35Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 32 of 40
9.11 Slave FIFO Synchronous Address
9.12 Slave FIFO Asynchronous Address
Table 23.Slave FIFO Synchronous Address Parameters[10]
Parameter
Description
Min
Max
Unit
tIFCLK
Interface clock period
20.83
200
ns
tSFA
FIFOADR[1:0] to clock setup time
25
ns
tFAH
Clock to FIFOADR[1:0] hold time
10
ns
Slave FIFO Asynchronous Address Parameters[19]
Parameter
Description
Min
Max
Unit
tSFA
FIFOADR[1:0] to SLRD/SLWR/PKTEND setup time
10
ns
tFAH
RD/WR/PKTEND to FIFOADR[1:0] hold time
10
ns
IFCLK
SLCS/FIFOADR [1:0]
tSFA
tFAH
Figure 18. Slave FIFO Synchronous Address Timing Diagram[16]
SLRD/SLWR/PKTEND
SLCS/FIFOADR [1:0]
tSFA
tFAH
Figure 19. Slave FIFO Asynchronous Address Timing Diagram[16]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com