Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C68053_09 Datasheet HTML 1Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 2Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 3Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 4Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 5Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 6Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 7Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 8Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
CY7C68053
MoBL-USB™ FX2LP18 USB
Microcontroller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document # 001-06120 Rev *I
Revised July 02, 2009
1. CY7C68053 Features
USB 2.0 – USB-IF High Speed and Full Speed Compliant
(TID# 40000188)
Single-Chip Integrated USB 2.0 Transceiver, Smart SIE,
and Enhanced 8051 Microprocessor
Ideal for Mobile Applications (Cell Phone, Smart Phones,
PDAs, MP3 Players)
Ultra low power
Suspend current: 20 µA (typical)
Software: 8051 Code runs from:
Internal RAM, which is loaded from EEPROM
16 kBytes of On-Chip Code/Data RAM
Four Programmable BULK/INTERRUPT/ISOCHRONOUS
endpoints
Buffering options: double, triple, and quad
Additional Programmable (BULK/INTERRUPT) 64-Byte
Endpoint
8 or 16-Bit External Data Interface
Smart Media Standard ECC Generation
GPIF (General Programmable Interface)
Allows direct connection to most parallel interface
Programmable waveform descriptors and configuration
registers to define waveforms
Supports multiple Ready and Control outputs
Integrated, Industry Standard Enhanced 8051
48 MHz, 24 MHz, or 12 MHz CPU operation
Four clocks per instruction cycle
Three counter/timers
Expanded interrupt system
Two data pointers
1.8V Core Operation
1.8V to 3.3V I/O Operation
Vectored USB Interrupts and GPIF/FIFO Interrupts
Separate Data Buffers for Setup and Data Portions of a
CONTROL Transfer
Integrated I
2C Controller, runs at 100 or 400 kHz
Four Integrated FIFOs
Integrated glue logic and FIFOs lower system cost
Automatic conversion to and from 16-bit buses
Master or slave operation
Uses external clock or asynchronous strobes
Easy interface to ASIC and DSP ICs
Available in Industrial Temperature Grade
Available in one Pb-free Package with up to 24 GPIOs
56-pin VFBGA (24 GPIOs)
x20
PLL
/0.5
/1.0
/2.0
8051 Core
12/24/48 MHz,
Four Clocks/Cycle
I
2
C
VCC
1.5K
D+
D–
GPIF
CY
Smart
USB
1.1/2.0
Engine
USB
2.0
XCVR
16 KB
RAM
4 KB
FIFO
Integrated
Full- and High-Speed
XCVR
Additional IOs (24)
CTL (3)
RDY (2)
24 MHz
Ext. XTAL
Enhanced USB Core
Simplifies 8051 Code
“Soft Configuration”
Easy Firmware Changes
FIFO and Endpoint Memory
(Master or Slave Operation)
General
Programmable I/F
Abundant IO
High-performance microprocessor
using standard tools
with lower-power options
Master
Connected for
Full-Speed
ECC
MoBL-USB FX2LP18
To Baseband Processors/
Application Processors/
ASICS/DSPs
8/16
Up to 96 MBytes/sec
Burst Rate
Block Diagram
[+] Feedback


Similar Part No. - CY7C68053_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68053-56BAXI CYPRESS-CY7C68053-56BAXI Datasheet
1Mb / 39P
MoBL-USB??FX2LP18 USB Microcontroller
CY7C68053-56BAXI CYPRESS-CY7C68053-56BAXI Datasheet
1Mb / 42P
MoBL-USB??FX2LP18 USB Microcontroller
More results

Similar Description - CY7C68053_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
EZ-USB FX2LP USB Microcontroller
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
EZ-USB FX2LP??USB Microcontroller
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 39P
MoBL-USB??FX2LP18 USB Microcontroller
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 42P
MoBL-USB??FX2LP18 USB Microcontroller
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com