Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 25Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 26Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 27Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 28Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 29Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 30Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 31Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 32Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 29 of 40
9.6 Slave FIFO Asynchronous Write
9.7 Slave FIFO Synchronous Packet End Strobe
DATA
tSFD
tFDH
FLAGS
tXFD
tWRpwh
tWRpwl
Figure 12. Slave FIFO Asynchronous Write Timing Diagram[16]
SLWR
Table 17.Slave FIFO Asynchronous Write Parameters with Internally Sourced IFCLK[19]
Parameter
Description
Min
Max
Unit
tWRpwl
SLWR pulse LOW
50
ns
tWRpwh
SLWR pulse HIGH
50
ns
tSFD
SLWR to FIFO data setup time
10
ns
tFDH
FIFO data to SLWR hold time
10
ns
tXFD
SLWR to FLAGS output propagation delay
70
ns
FLAGS
tXFLG
IFCLK
PKTEND
tSPE
tPEH
Figure 13. Slave FIFO Synchronous Packet End Strobe Timing Diagram[16]
Table 18.Slave FIFO Synchronous Packet End Strobe Parameters with Internally Sourced IFCLK[10]
Parameter
Description
Min
Max
Unit
tIFCLK
IFCLK period
20.83
ns
tSPE
PKTEND to clock setup time
14.6
ns
tPEH
Clock to PKTEND hold time
0
ns
tXFLG
Clock to FLAGS output propagation delay
9.5
ns
Table 19.Slave FIFO Synchronous Packet End Strobe Parameters with Externally Sourced IFCLK[10]
Parameter
Description
Min
Max
Unit
tIFCLK
IFCLK period
20.83
200
ns
tSPE
PKTEND to clock setup time
8.6
ns
tPEH
Clock to PKTEND hold time
3.04
ns
tXFLG
Clock to FLAGS output propagation delay
13.5
ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com