Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 11Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 12Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 13Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 14Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 15Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 16Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 17Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 18Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 15 of 40
7B
WAKEUP
Input
N/A
USB Wakeup. If the 8051 is in suspend, asserting this pin starts up the oscil-
lator and interrupts the 8051 to allow it to exit the suspend mode. Holding
WAKEUP asserted inhibits the MoBL-USB® chip from suspending. This pin
has programmable polarity (WAKEUP.4).
3F
SCL
OD
Z
Clock for the I2C interface. Connect to VCC_IO or VCC with a 2.2K–10K pull up
resistor. (An I2C peripheral is required.)
3G
SDA
OD
Z
Data for the I2C interface. Connect to VCC_IO or VCC with a 2.2K–10K pull up
resistor. (An I2C peripheral is required.)
5A
VCC_IO
Power
N/A
VCC. Connect this pin to 1.8V to 3.3V power source.
Provide the appropriate bulk and bypass capacitance for this supply rail.
5B
VCC_IO
Power
N/A
VCC. Connect this pin to 1.8V to 3.3V power source.
7E
VCC_IO
Power
N/A
VCC. Connect this pin to 1.8V to 3.3V power source.
8E
VCC_IO
Power
N/A
VCC. Connect this pin to 1.8V to 3.3V power source.
5C
VCC_D
Power
N/A
VCC. Connect this pin to 1.8V power source. (Supplies power to internal digital
1.8V circuits.)
Provide the appropriate bulk and bypass capacitance for this supply rail.
1G
VCC_A
Power
N/A
VCC. Connect this pin to 1.8V power source. (Supplies power to internal analog
1.8V circuits.)
1H
GND
Ground
N/A
Ground.
2H
GND
Ground
N/A
Ground.
4A
GND
Ground
N/A
Ground.
4B
GND
Ground
N/A
Ground.
4C
GND
Ground
N/A
Ground.
7D
GND
Ground
N/A
Ground.
8D
GND
Ground
N/A
Ground.
Table 7. FX2LP18 Pin Descriptions (continued)[9]
56 VFBGA
Name
Type
Default
Description
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com