Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 22Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 23Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 24Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 25Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 26Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 27Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 28Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 29Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 26 of 40
9.3 Slave FIFO Synchronous Read
IFCLK
SLRD
FLAGS
SLOE
tSRD
tRDH
tOEon
tXFD
tXFLG
DATA
tIFCLK
N+1
tOEoff
N
Figure 9. Slave FIFO Synchronous Read Timing Diagram[16]
Table 12.Slave FIFO Synchronous Read Parameters with Internally Sourced IFCLK[17]
Parameter
Description
Min
Max
Unit
tIFCLK
IFCLK period
20.83
ns
tSRD
SLRD to clock setup time
18.7
ns
tRDH
Clock to SLRD hold time
0
ns
tOEon
SLOE turn-on to FIFO data valid
10.5
ns
tOEoff
SLOE turn-off to FIFO data hold
2.15
10.5
ns
tXFLG
Clock to FLAGS output propagation delay
9.5
ns
tXFD
Clock to FIFO data output propagation delay
11
ns
Table 13.Slave FIFO Synchronous Read Parameters with Externally Sourced IFCLK[17]
Parameter
Description
Min
Max
Unit
tIFCLK
IFCLK period
20.83
200
ns
tSRD
SLRD to clock setup time
12.7
ns
tRDH
Clock to SLRD hold time
3.7
ns
tOEon
SLOE turn-on to FIFO data valid
10.5
ns
tOEoff
SLOE turn-off to FIFO data hold
2.15
10.5
ns
tXFLG
Clock to FLAGS output propagation delay
13.5
ns
tXFD
Clock to FIFO data output propagation delay
17.31
ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com