Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 26Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 27Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 28Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 29Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 30Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 31Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 32Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 33Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 30 of 40
There is no specific timing requirement to be met for asserting
the PKTEND pin with regards to asserting SLWR. PKTEND can
be asserted with the last data value clocked into the FIFOs or
thereafter. The only consideration is that the setup time tSPE and
the hold time tPEH must be met.
Although there are no specific timing requirements for the
PKTEND assertion, there is a specific corner case condition that
needs attention while using the PKTEND to commit a one
byte/word packet. There is an additional timing requirement to be
met when the FIFO is configured to operate in auto mode and
you want to send two packets back to back: a full packet (full
defined as the number of bytes in the FIFO meeting the level set
in AUTOINLEN register) committed automatically followed by a
short one byte/word packet committed manually using the
PKTEND pin. In this scenario, make sure to assert PKTEND at
least one clock cycle after the rising edge that caused the last
byte/word to be clocked into the previous auto committed packet.
Figure 14 shows this scenario. X is the value the AUTOINLEN
register is set to when the IN endpoint is configured to be in auto
mode.
Figure 14 shows a scenario where two packets are committed.
The first packet is committed automatically when the number of
bytes in the FIFO reaches X (value set in AUTOINLEN register)
and the second one byte/word short packet is committed
manually using PKTEND. Note that there is at least one IFCLK
cycle timing between the assertion of PKTEND and clocking of
the last byte of the previous packet (causing the packet to be
committed automatically). Failing to adhere to this timing, results
in the FX2LP18 failing to send the one byte/word short packet.
9.8 Slave FIFO Asynchronous Packet End Strobe
Table 20.Slave FIFO Asynchronous Packet End Strobe Parameters[19]
Parameter
Description
Min
Max
Unit
tPEpwl
PKTEND pulse width LOW
50
ns
tPWpwh
PKTEND pulse width HIGH
50
ns
tXFLG
PKTEND to FLAGS output propagation delay
115
ns
IFCLK
SLWR
DATA
Figure 14. Slave FIFO Synchronous Write Sequence and Timing Diagram[16]
tIFCLK
>= tSWR
>= tWRH
X-2
PKTEND
X-3
tFAH
tSPE
tPEH
FIFOADR
tSFD
tSFD
tSFD
X-4
tFDH
tFDH
tFDH
tSFA
1
X
tSFD
tSFD
tSFD
X-1
tFDH
tFDH
tFDH
At least one IFCLK cycle
FLAGS
tXFLG
PKTEND
tPEpwl
tPEpwh
Figure 15. Slave FIFO Asynchronous Packet End Strobe Timing Diagram[16]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com