Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
_______________________________________________________________________________________
7
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDVDD = VAVDD = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
External Reference Voltage
Input
VAEREF
0.9
VAVDD
+ 0.05
V
Internal Reference Voltage Drift
VADRIFT
Guaranteed by design
±50
ppm/°C
Reference Settle Time
(Switching ADC Reference from
Either Internal or External
Reference to AVDD) (Note 16)
tAAVDD_
SETUP
(Note 17)
4
Samples
SUPPLY VOLTAGE MONITOR
Supply Voltage Set Point
VSVM
2.7
3.5
V
Supply Voltage Increment
Resolution (Note 18)
SVINC
0.08
0.1
0.12
V
Supply Voltage Default Set Point
2.7
μA
Supply Voltage Monitor Current
Consumption
ISVM
20
μs
Supply Voltage Monitor Setup
Time (Time from Supply Voltage
Monitor Enabled to SVMRDY Is
Set to 1) (Note 18)
tSVM_SU
15
25
μs
REAL-TIME CLOCK
RTC Input Frequency
f32KIN
32kHz watch crystal
32,768
Hz
VDVDD = 2.7V, guaranteed by design
0.45
0.7
RTC Operating Current
IRTC
VDVDD = 3.6V
0.5
0.8
μA
LCD
LCD Reference Voltage
VLCD
VDVDD
3.6
V
LCD Bias Voltage 1
VLCD1
1/3 bias
VADJ +
2/3 (VLCD - VADJ)
V
LCD Bias Voltage 2
VLCD2
1/3 bias
VADJ +
2/3 (VLCD - VADJ)
V
LCD Adjustment Voltage
VADJ
Guaranteed by design
0
0.4 x
VLCD
V
LCD Bias Resistor
RLCD
40
k
LCD Adjustment Resistor
RLADJ
LRA[3:0] = 15
80
k
Pin is driven at VLCD = 3V, ISEGxx = -3μA
VLCD -
0.02
VLCD
Pin is driven at VLCD1 = 2V, ISEGxx = -3μA
VLCD1 -
0.02
VLCD1 +
0.02
Pin is driven at VLCD2 = 1V, ISEGxx = -3μA
VLCD2 -
0.02
VLCD2 +
0.02
LCD Segment and COM Voltage
(Note 18)
VSEGxx
Pin is driven at VADJ = 0V, ISEGxx = -3μA
-0.1
+0.1
V
LCD Output Rise Time
tLCD_RISE
COM output load = 5000pF, SEG output
load = 200pF, VLCD = 3.3V
200
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com