Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
14
______________________________________________________________________________________
VDD SUPPLY CURRENT
vs. CLOCK FREQUENCY
fHFXIN (MHz)
8
6
4
2
1.5
2.0
2.5
3.0
3.5
1.0
010
FREQMD = 1
FREQMD = 0
CLOCK SOURCE DRIVEN ON HFXIN,
TA = +25
°C, FLL DISABLED
PORT PIN LOW-OUTPUT VOLTAGE
vs. SINK CURRENT
VOL (V)
3.2
2.8
0.4 0.8 1.2
2.0
1.6
2.4
5
10
15
20
25
30
35
40
0
0
3.6
TA = +25
°C, VDVDD = 3.6V
PORT PIN HIGH-OUTPUT VOLTAGE
vs. SOURCE CURRENT
VOH (V)
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
-50
-40
-30
-20
-10
0
-60
0
3.6
TA = +25
°C, VDVDD = 3.6V
INTEGRAL NONLINEARITY (INL)
vs. CODE
CODE
4000
3000
1000
2000
-1.5
-1.0
-0.5
0
1.0
0.5
1.5
2.0
-2.0
0
TA = +25
°C, VAVDD = 3.3V, VREF = 3.0V
DIFFERENTIAL NONLINEARITY (DNL)
vs. CODE
CODE
4000
3000
2000
1000
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
TA = +25
°C, VAVDD = 3.3V, VREF = 3.0V
OFFSET ERROR
vs. SUPPLY VOLTAGE
VDVDD (V)
3.56
3.46
3.06
3.16
3.26
3.36
-3
-2
-1
0
1
2
3
4
-4
2.96
3.66
TA = +25
°C, VREF = 3.0V
DIFFERENTIAL BIPOLAR TRANSFER
INPUT VOLTAGE (LSB)
+FS
0
-FS
800
801
FFF
000
001
7FE
7FF
-FS + 0.5 LSB
+FS - 0.5 LSB
+FS = VREF/2
-FS = -VREF/2
1 LSB = VREF/4096
ZS = 0
SINGLE-ENDED UNIPOLAR TRANSFER
INPUT VOLTAGE (LSB)
FS
2
3
4
1
001
002
003
004
FFD
FFE
FFF
000
FS - 0.5 LSB
FS = VREF
1 LSB = VREF/4096
ZS = 0
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com