Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXQ2010-RFX+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
General Description
The MAXQ2010 microcontroller is a low-power, 16-bit
device that incorporates a high-performance, 12-bit,
multichannel ADC and a liquid-crystal display (LCD)
interface. A combination of high performance, low
power, and mixed-signal integration makes the
MAXQ2010 ideal for a wide variety of applications.
The MAXQ2010 has 64KB of flash memory, 2KB of
RAM, three 16-bit timers, and two universal synchro-
nous/asynchronous receiver/transmitters (USARTs).
Flash memory aids prototyping and is available for
mass production. Mask ROM versions are available for
large production volumes when cost is a critical factor.
The microcontroller runs from a 2.7V to 3.6V operating
supply. For the ultimate in low-power performance, the
MAXQ2010 includes a low-power sleep mode, the abili-
ty to selectively disable peripherals, and multiple
power-saving operating modes.
Applications
Features
♦ High-Performance, Low-Power, 16-Bit MAXQ®
RISC Core
♦ DC to 10MHz Operation, Approaching 1MIPS per MHz
♦ 2.7V to 3.6V Operating Voltage
♦ 33 Instructions, Most Single Cycle
♦ Three Independent Data Pointers Accelerate Data
Movement with Automatic Increment/Decrement
♦ 16-Level Hardware Stack
♦ 16-Bit Instruction Word, 16-Bit Data Bus
♦ 16 x 16-Bit General-Purpose Working Registers
♦ Optimized for C-Compiler (High-Speed/Density
Code)
♦ On-Chip FLL Reduces External Clock Frequency
♦ Memory Features
64KB Flash Memory (In-Application and In-System
Programmable)
2KB Internal Data RAM
JTAG Bootloader for Programming and Debug
♦ Peripheral Features
12-Bit SAR ADC with Internal Reference and
Autoscan
Eight Single-Ended or Four Differential Inputs
Up to 312.5ksps Sample Rate
Supply Voltage Monitor with Adjustable Threshold
One-Cycle, 16 x 16 Hardware Multiply/Accumulate
with 48-Bit Accumulator
Three 16-Bit Programmable Timers/Counters with
PWM Outputs
32-Bit Binary Real-Time Clock with Digital Trim
Capability
Integrated LCD
160 Segments
No External Resistors Required
Two USARTs, I2C Master/Slave, and SPI™ Master/
Slave Communications Ports
On-Chip Power-On Reset/Brownout Reset
Programmable Watchdog Timer
♦ Low Power Consumption
1mA (typ) at 1MHz Flash Operation at 2.7V
370nA (typ) in Stop Mode
Low-Power Power-Management Mode (PMM)
16-Bit Mixed-Signal Microcontroller
with LCD Interface
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
Rev 1; 12/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be
simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-PACKAGE
MAXQ2010-RFX+
-40
°C to +85°C
100 LQFP
Typical Application Circuit, Pin Configuration, and Selector
Guide appear at end of data sheet.
MAXQ is a registered trademark of Maxim Integrated Products, Inc.
SPI is a trademark of Motorola, Inc.
Battery-Powered and
Portable Devices
Portable Medical
Equipment
Blood Glucose Meters
Electrochemical and
Optical Sensors
Industrial Control
Data-Acquisition
Systems and Data
Loggers
Home Appliances
Consumer Electronics
Thermostats/Humidity
Sensors
Security Sensors
Gas and Chemical
Sensors
HVAC
Smart Transmitters
Medical Instrumentation


Similar Part No. - MAXQ2010-RFX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2010-KIT MAXIM-MAXQ2010-KIT Datasheet
705Kb / 11P
Evaluation Kit
Rev 2; 6/11
More results

Similar Description - MAXQ2010-RFX+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
logo
Maxim Integrated Produc...
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
logo
Texas Instruments
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
logo
ON Semiconductor
Q32M210 ONSEMI-Q32M210 Datasheet
505Kb / 50P
Precision Mixed-Signal 32-bit Microcontroller SPI/SQI interface.
April, 2011 ??Rev. 5
logo
Texas Instruments
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com