Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
18
______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
Digital I/O, Type C Port 2; LCD Segment-Driver Output. This port functions as either
bidirectional I/O or alternate LCD segment-drive outputs. The reset condition of the port is with
all bits at logic 1. In this state, a weak pullup holds the port high. This condition serves as an
input mode. The port pins also contain a Schmitt voltage input. Setting the PCF2 bit switches
all pins on this port to LCD segment-drive outputs.
PIN
PORT
SPECIAL/ALTERNATE FUNCTION
56
P2.0
SEG16
55
P2.1
SEG17
54
P2.2
SEG18
53
P2.3
SEG19
52
P2.4
SEG20
48
P2.5
SEG21
47
P2.6
SEG22
56–52,
48–46
P2.0–P2.7;
SEG16–SEG23
46
P2.7
SEG23
Digital I/O, Type C Port 3; LCD Segment-Driver Output. This port functions as either
bidirectional I/O or alternate LCD segment-drive outputs. The reset condition of the port is with
all bits at logic 1. In this state, a weak pullup holds the port high. This condition serves as an
input mode. The port pins also contain a Schmitt voltage input. Setting the PCF3 bit switches
all pins on this port to LCD segment-drive outputs.
PIN
PORT
SPECIAL/ALTERNATE FUNCTION
36
P3.0
SEG24
35
P3.1
SEG25
34
P3.2
SEG26
33
P3.3
SEG27
22
P3.4
SEG28
21
P3.5
SEG29
20
P3.6
SEG30
36–33, 22–19
P3.0–P3.7;
SEG24–SEG31
19
P3.7
SEG31
Digital I/O, Type-C Port 4; LCD Segment-Driver Output. This port functions as either
bidirectional I/O or alternate LCD segment-drive outputs. The reset condition of the port is with
all bits at logic 1. In this state, a weak pullup holds the port high. This condition serves as an
input mode. The port pins also contain a Schmitt voltage input. Setting the PCF4 bit switches
all pins on this port to LCD segment-drive outputs.
PIN
PORT
SPECIAL/ALTERNATE FUNCTION
18
P4.0
SEG32
17
P4.1
SEG33
16
P4.2
SEG34
15
P4.3
SEG35
14
P4.4
SEG36
13
P4.5
SEG37
12
P4.6
SEG38
18–11
P4.0–P4.7;
SEG32–SEG39
11
P4.7
SEG39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com